Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD39200
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD39200 Datasheet HTML 3Page - STMicroelectronics LD39200 Datasheet HTML 4Page - STMicroelectronics LD39200 Datasheet HTML 5Page - STMicroelectronics LD39200 Datasheet HTML 6Page - STMicroelectronics LD39200 Datasheet HTML 7Page - STMicroelectronics LD39200 Datasheet HTML 8Page - STMicroelectronics LD39200 Datasheet HTML 9Page - STMicroelectronics LD39200 Datasheet HTML 10Page - STMicroelectronics LD39200 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IQ
Quiescent current
IOUT = 0 A
100
µA
IOUT = 0 A; -40 °C < TJ < 125 °C
300
IOUT = 2 A;
1
mA
IOUT = 2 A; -40 °C < TJ < 125 °C
3
Shutdown current
Ven = 0, Vin = 6 V
10
nA
ISC
Short-circuit current
VOUT = 0 V
3.5
A
IMIN
Minimum output current
0
A
VEN
Enable input logic low
1.25 V < VIN < 6.0 V
-40 °C < TJ < 125 °C
0.5
V
Enable input logic high
1.2
IEN
Enable pin input current
VEN = VIN; 1.25 < VIN < 6.0 V
10
nA
PG
Power Good output
threshold
Rising edge
0.92* Vout
V
Falling edge
0.8*Vout
Power Good output voltage
low
Isink = 6 mA open drain output
0.4
TSHDN
Thermal shutdown
170
°C
Hysteresis
20
1. Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value; this
specification does not apply to nominal output voltages below 1.2 V.
(TJ = 25 °C, VIN = VOUT+1 V; CIN = 10 µF; COUT = 10 µF; IOUT = 10 mA; VEN = VIN)
Table 6. Electrical characteristics, fixed version
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage range
1.25
6.0
V
VOUT
Output voltage accuracy
TJ = 25 °C
-1.0
1.0
%
-40 °C < TJ < 125 °C
-2.0
2.0
∆VADJ%/
∆VIN
Static line regulation
VOUT + 1 V < VIN < 6.0 V;
TJ = 25 °C
0.01
%/V
-40 °C < TJ < 125 °C
0.1
∆VADJ%/
∆IOUT
Static load regulation
0 mA < IOUT < 2 A; TJ = 25 °C
0.05
%/A
-40 °C < TJ < 125 °C
0.4
VDROP
Dropout voltage
VOUT = 3.3 V; IOUT = 2 A;
-40 °C < TJ < 125 °C
130
250
mV
eN
Output noise voltage
VOUT = 2.5 V; f = 10 Hz to 100 kHz
40
µVRMS
/VOUT
LD39200
Electrical characteristics
DS10079 - Rev 3
page 7/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com