Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 14 Page - STMicroelectronics

Part # LD39200
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LD39200 Datasheet HTML 10Page - STMicroelectronics LD39200 Datasheet HTML 11Page - STMicroelectronics LD39200 Datasheet HTML 12Page - STMicroelectronics LD39200 Datasheet HTML 13Page - STMicroelectronics LD39200 Datasheet HTML 14Page - STMicroelectronics LD39200 Datasheet HTML 15Page - STMicroelectronics LD39200 Datasheet HTML 16Page - STMicroelectronics LD39200 Datasheet HTML 17Page - STMicroelectronics LD39200 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Figure 26. Load transient, no Cbyp
GIPG140420141403MT
VIN
VOUT
VIN = 3.7 V, VOUT = 3.3 V, ILOAD = 10 mA to 2 A, CBYP = 0
Figure 27. Load transient, Cbyp = 470 nF
GIPG140420141405MT
VIN
VOUT
VIN = 3.7 V, VOUT = 3.3 V, ILOAD = 10 mA to 2 A, CBYP = 470 nF
LD39200
Typical performance characteristics
DS10079 - Rev 3
page 14/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com