Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 26 Page - STMicroelectronics

Part # LD39200
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LD39200 Datasheet HTML 21Page - STMicroelectronics LD39200 Datasheet HTML 22Page - STMicroelectronics LD39200 Datasheet HTML 23Page - STMicroelectronics LD39200 Datasheet HTML 24Page - STMicroelectronics LD39200 Datasheet HTML 25Page - STMicroelectronics LD39200 Datasheet HTML 26Page - STMicroelectronics LD39200 Datasheet HTML 27Page - STMicroelectronics LD39200 Datasheet HTML 28Page - STMicroelectronics LD39200 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Contents
1
Block diagram .....................................................................2
2
Pin configuration and description ..................................................3
3
Typical application.................................................................4
4
Maximum ratings ..................................................................5
5
Electrical characteristics...........................................................6
6
Application information ............................................................9
6.1
Thermal and short-circuit protections .............................................. 9
6.2
Output voltage setting for ADJ version ............................................. 9
6.3
Enable pin .................................................................... 9
6.4
Power Good pin (PG) ........................................................... 9
6.5
Reverse current protection....................................................... 9
7
Typical performance characteristics ..............................................10
8
Package information..............................................................15
8.1
DFN6 (3 x 3 mm) package information............................................ 15
8.2
DFN6 (3 x 3 mm) packing information ............................................ 17
8.3
DFN8 (4 x 4 mm) package information............................................ 19
8.4
DFN8 (4 x 4 mm) packing information ............................................ 21
9
Ordering information .............................................................24
Revision history .......................................................................25
LD39200
Contents
DS10079 - Rev 3
page 26/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com