Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD39200
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD39200 Datasheet HTML 6Page - STMicroelectronics LD39200 Datasheet HTML 7Page - STMicroelectronics LD39200 Datasheet HTML 8Page - STMicroelectronics LD39200 Datasheet HTML 9Page - STMicroelectronics LD39200 Datasheet HTML 10Page - STMicroelectronics LD39200 Datasheet HTML 11Page - STMicroelectronics LD39200 Datasheet HTML 12Page - STMicroelectronics LD39200 Datasheet HTML 13Page - STMicroelectronics LD39200 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
7
Typical performance characteristics
(The following plots are referred to the typical application circuit and, unless otherwise noted, at TA = 25 °C)
Figure 4. Dropout voltage vs. temperature
(Vin = 1.3 V, Iout = 1 A)
0
50
100
150
200
250
-40
-25
0
25
55
85
125
Temperature ºC
AM13910V1
Figure 5. Dropout voltage vs. temperature
(Vin = 1.4 V, Iout = 1 A)
AM13911V1
0
50
100
150
200
250
-40
-25
0
25
55
85
125
Temperature ºC
Figure 6. Dropout voltage vs. temperature
(Vin = 1.4 V, Iout = 2 A)
AM13912V1
0
50
100
150
200
250
300
350
400
450
500
-40
-25
0
25
55
85
125
Temperature ºC
Figure 7. Dropout voltage vs. temperature
(Vin = 1.5 V, Iout = 1 A)
AM13913V1
0
50
100
150
200
250
-40
-25
0
25
55
85
125
Temperature ºC
LD39200
Typical performance characteristics
DS10079 - Rev 3
page 10/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com