Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200DPUR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD39200DPUR
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200DPUR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD39200DPUR Datasheet HTML 4Page - STMicroelectronics LD39200DPUR Datasheet HTML 5Page - STMicroelectronics LD39200DPUR Datasheet HTML 6Page - STMicroelectronics LD39200DPUR Datasheet HTML 7Page - STMicroelectronics LD39200DPUR Datasheet HTML 8Page - STMicroelectronics LD39200DPUR Datasheet HTML 9Page - STMicroelectronics LD39200DPUR Datasheet HTML 10Page - STMicroelectronics LD39200DPUR Datasheet HTML 11Page - STMicroelectronics LD39200DPUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
SVR
Supply voltage rejection
VOUT = 1.8 V; VIN = VOUT + 0.5 V;
COUT = 10 µF; IOUT = 10 mA;
TJ = 25 °C; f = 1 kHz
70
dB
VOUT = 1.8 V; VIN = VOUT + 0.5 V;
COUT = 10 µF; IOUT = 10 mA;
TJ = 25 °C; f = 100 kHz
50
VOUT = 1.8 V; VIN = VOUT + 0.5 V;
COUT = 10 µF; IOUT = 10 mA;
TJ = 25 °C; f = 500 kHz
50
VOUT = 1.8 V; VIN = VOUT + 0.5 V;
COUT = 10 µF; IOUT = 10 mA;
TJ = 25 °C; f = 1 MHz
40
IQ
Quiescent current
IOUT = 0 A
100
µA
IOUT = 0 A; -40 °C < TJ < 125 °C
300
IOUT = 2 A;
1
mA
IOUT = 2 A; -40 °C < TJ < 125 °C
3
Shutdown current
Ven = 0, Vin = 6 V
50
nA
ISC
Short-circuit current
VOUT = 0 V
3.5
A
IMIN
Minimum output current
0
A
VEN
Enable input logic low
1.25 V < VIN < 6.0 V
-40 °C < TJ < 125 °C
0.5
V
Enable input logic high
1.2
IEN
Enable pin input current
VEN = VIN; 1.25 < VIN < 6.0 V
10
nA
PG
Power Good output threshold
Rising edge
0.92*VOUT
V
Falling edge
0.8*VOUT
Power Good output voltage
low
Isink = 6 mA open drain output
0.4
TSHDN
Thermal shutdown
170
°C
Hysteresis
20
LD39200
Electrical characteristics
DS10079 - Rev 3
page 8/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com