Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200DPUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD39200DPUR
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200DPUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD39200DPUR Datasheet HTML 5Page - STMicroelectronics LD39200DPUR Datasheet HTML 6Page - STMicroelectronics LD39200DPUR Datasheet HTML 7Page - STMicroelectronics LD39200DPUR Datasheet HTML 8Page - STMicroelectronics LD39200DPUR Datasheet HTML 9Page - STMicroelectronics LD39200DPUR Datasheet HTML 10Page - STMicroelectronics LD39200DPUR Datasheet HTML 11Page - STMicroelectronics LD39200DPUR Datasheet HTML 12Page - STMicroelectronics LD39200DPUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
6
Application information
6.1
Thermal and short-circuit protections
The LD39200 is self-protected from short-circuit conditions and overtemperature. When the output load is higher
than the one supported by the device, the output current rises until the limit of typically 3.5 A is reached; at this
point the current is kept constant even when the load impedance is zero. The thermal protection acts when the
junction temperature reaches 170 °C. The IC enters the shutdown status. As soon as the junction temperature
falls again below 150 °C the device starts working again. In order to calculate the maximum power the device can
dissipate, keeping the junction temperature below TJ-OP , the following formula is used:
PDMAX= 125−TAMB /RTHJ−A
(1)
6.2
Output voltage setting for ADJ version
In the adjustable version, the output voltage can be set from 0.5 V up to the input voltage minus the voltage drop
across the pass transistor (dropout voltage), by connecting a resistor divider between the ADJ pin and the output,
allowing remote voltage sensing. The resistor divider can be selected using the following equation:
VOUT=VADJ1+R1/R2,witℎVADJ=0.5V typ.
(2)
6.3
Enable pin
The LD39200 features an enable function. When the EN voltage is higher than 1.2 V the device is ON, and if it is
lower than 0.5 V the device is OFF. In shutdown mode, the total current consumption is 10 nA (typ). The EN pin
does not have an internal pull-up, therefore it cannot be left floating if it is not used.
6.4
Power Good pin (PG)
Some applications require a flag showing that the output voltage is in the correct range. Power Good threshold
depends on the output voltage. When the output voltage is higher than 0.92 * VOUT(nom), the PG pin goes to high
impedance. If the output voltage is below 0.80 * VOUT(nom) the PG pin goes to low impedance. If the device works
well, the PG pin is at high impedance.
6.5
Reverse current protection
The device avoids the reverse current to flow from the output to the input during any operating condition (EN = 0
or EN = 1, VIN > VOUT + VDROP). During fast turn-on/off this function prevents a big current from flowing to the
input. Moreover it is used to avoid the reverse current to flow from the output pin to the input one, when other
power supplies, providing a voltage higher than the input voltage, are connected to the output pin. If a power
supply, providing a voltage lower than LDO output voltage, is connected to OUT pin, LDO works in current
protection, causing high power dissipation inside the device.
When the device is disabled (EN = low) and VOUT > 0 V, a small current (few µA) is sunk from the OUT pin.
LD39200
Application information
DS10079 - Rev 3
page 9/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com