Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200DPUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39200DPUR
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200DPUR Datasheet(HTML) 1 Page - STMicroelectronics

  LD39200DPUR Datasheet HTML 1Page - STMicroelectronics LD39200DPUR Datasheet HTML 2Page - STMicroelectronics LD39200DPUR Datasheet HTML 3Page - STMicroelectronics LD39200DPUR Datasheet HTML 4Page - STMicroelectronics LD39200DPUR Datasheet HTML 5Page - STMicroelectronics LD39200DPUR Datasheet HTML 6Page - STMicroelectronics LD39200DPUR Datasheet HTML 7Page - STMicroelectronics LD39200DPUR Datasheet HTML 8Page - STMicroelectronics LD39200DPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
•
Input voltage from 1.25 V to 6.0 V
•
Ultra low drop: 130 mV (typ.) at 2 A load
•
1 % output accuracy at 25 °C, 2 % in full temperature range
•
High PSRR: 70 dB at 1 kHz
•
Reverse current protection
•
2 A guaranteed output current
•
Available in fixed and adjustable output voltage version from 0.5 V with 100 mV
step
•
Power Good
•
Internal current and thermal limit
•
Operating junction temperature range: -40 °C to 125 °C
•
DFN6 (3 x 3 mm) and DFN8 (4 x 4 mm) packages
Applications
•
Telecom infrastructure
•
Medium power POL
Description
The LD39200 provides 2 A of maximum current with an input voltage range from 1.25
V to 6.0 V, and a typical dropout voltage of 130 mV.
It is stable with ceramic capacitors on the output (10 µF).
Typical power supply rejection ratio is 70 dB at 1 kHz and starts to roll off at 20 kHz.
The enable logic control function puts the LD39200 in shutdown mode, reducing the
total current consumption to 10 nA (typ.).
Power Good flag is available on a dedicated pin.
The device also includes reverse current protection, short-circuit constant current
limit and thermal protection.
Typical applications are for Telecom infrastructure and consumer.
Maturity status link
LD39200
2 A high PSRR ultra low drop linear regulator with reverse current protection
LD39200
Datasheet
DS10079 - Rev 3 - September 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LD39200DPUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
1Mb / 30P
Reverse current protection
28-Jul-2014
More results

Similar Description - LD39200DPUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Micrel Semiconductor
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
logo
Texas Instruments
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
logo
STMicroelectronics
ST1L08 STMICROELECTRONICS-ST1L08 Datasheet
1Mb / 21P
800 mA ultra low drop, high PSRR voltage regulator
16-Nov-2015
logo
Texas Instruments
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
1-A Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
logo
STMicroelectronics
LDL212 STMICROELECTRONICS-LDL212 Datasheet
1Mb / 28P
High PSRR, low drop linear regulator IC
19-Sep-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com