Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200DPUR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LD39200DPUR
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200DPUR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LD39200DPUR Datasheet HTML 21Page - STMicroelectronics LD39200DPUR Datasheet HTML 22Page - STMicroelectronics LD39200DPUR Datasheet HTML 23Page - STMicroelectronics LD39200DPUR Datasheet HTML 24Page - STMicroelectronics LD39200DPUR Datasheet HTML 25Page - STMicroelectronics LD39200DPUR Datasheet HTML 26Page - STMicroelectronics LD39200DPUR Datasheet HTML 27Page - STMicroelectronics LD39200DPUR Datasheet HTML 28Page - STMicroelectronics LD39200DPUR Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin configuration (top view) ........................................................... 3
Figure 3.
LD39200 typical application schematic ................................................... 4
Figure 4.
Dropout voltage vs. temperature (Vin = 1.3 V, Iout = 1 A) ...................................... 10
Figure 5.
Dropout voltage vs. temperature (Vin = 1.4 V, Iout = 1 A) ...................................... 10
Figure 6.
Dropout voltage vs. temperature (Vin = 1.4 V, Iout = 2 A) ...................................... 10
Figure 7.
Dropout voltage vs. temperature (Vin = 1.5 V, Iout = 1 A) ...................................... 10
Figure 8.
Dropout voltage vs. temperature (Vin = 1.5 V, Iout = 2 A) ...................................... 11
Figure 9.
Dropout voltage vs. temperature (Vin = 2.5 V, Iout = 1 A) ...................................... 11
Figure 10.
Dropout voltage vs. temperature (Vin = 2.5 V, Iout = 2 A) ...................................... 11
Figure 11.
Reference voltage vs. temperature (Vin = 1.5 V, Iout = 10 mA) .................................. 11
Figure 12.
Quiescent current vs. temperature (Vin = 1.5 V, Iout = 0 mA) ................................... 11
Figure 13.
Quiescent current vs. temperature (Vin = 1.5 V, Iout = 2 A)..................................... 11
Figure 14.
Quiescent current vs. output current .................................................... 12
Figure 15.
Line regulation vs. temperature (1.5 V ≤ Vin ≤ 6 V, Iout = 10 mA) ................................ 12
Figure 16.
Load regulation vs. temperature (Vin = 1.5 V, 0 < Iout < 2 A).................................... 12
Figure 17.
SVR vs. frequency ................................................................ 12
Figure 18.
Noise spectral density (no Cbyp) ...................................................... 12
Figure 19.
Noise spectral density (Cbyp = 470 nF) .................................................. 12
Figure 20.
Stability plan .................................................................... 13
Figure 21.
Enable startup, Vin = 1.25 V, Iout = 2 A .................................................. 13
Figure 22.
Enable startup, Vin = 6 V, Iout = 2 A .................................................... 13
Figure 23.
Enable startup, no Cbyp ............................................................ 13
Figure 24.
Enable startup, Cbyp = 470 nF ........................................................ 13
Figure 25.
Line transient .................................................................... 13
Figure 26.
Load transient, no Cbyp............................................................. 14
Figure 27.
Load transient, Cbyp = 470 nF ........................................................ 14
Figure 28.
DFN6 (3 x 3 mm) package outline ...................................................... 16
Figure 29.
DFN6 (3 x 3 mm) recommended footprint (all dimensions are in mm).............................. 17
Figure 30.
DFN6 (3 x 3 mm) tape outline ......................................................... 18
Figure 31.
DFN6 (3 x 3 mm) reel outline ......................................................... 19
Figure 32.
DFN8 (4 x 4 mm) package outline ...................................................... 20
Figure 33.
DFN8 (4 x 4 mm) recommended footprint (all dimensions are in mm).............................. 21
Figure 34.
DFN8 (4 x 4 mm) tape outline (all dimensions are in mm)...................................... 22
Figure 35.
DFN8 (4 x 4 mm) reel outline ......................................................... 23
LD39200
List of figures
DS10079 - Rev 3
page 28/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com