Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39200DPUR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LD39200DPUR
Description  2 A high PSRR ultra low drop linear regulator with reverse current protection
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39200DPUR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LD39200DPUR Datasheet HTML 17Page - STMicroelectronics LD39200DPUR Datasheet HTML 18Page - STMicroelectronics LD39200DPUR Datasheet HTML 19Page - STMicroelectronics LD39200DPUR Datasheet HTML 20Page - STMicroelectronics LD39200DPUR Datasheet HTML 21Page - STMicroelectronics LD39200DPUR Datasheet HTML 22Page - STMicroelectronics LD39200DPUR Datasheet HTML 23Page - STMicroelectronics LD39200DPUR Datasheet HTML 24Page - STMicroelectronics LD39200DPUR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Table 9. DFN8 (4 x 4 mm) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
0.90
1
A1
0
0.02
0.05
A3
0,20
b
0.23
0.30
0.38
D
3.90
4
4.10
D2
2.82
3
3.23
E
3.90
4
4.10
E2
2.05
2.20
2.30
e
0.80
L
0.40
0.50
0.60
Figure 33. DFN8 (4 x 4 mm) recommended footprint (all dimensions are in mm)
AM11889v1
LD39200
DFN8 (4 x 4 mm) mechanical data
DS10079 - Rev 3
page 21/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com