Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5121 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 24Page - Texas Instruments PCM5121 Datasheet HTML 25Page - Texas Instruments PCM5121 Datasheet HTML 26Page - Texas Instruments PCM5121 Datasheet HTML 27Page - Texas Instruments PCM5121 Datasheet HTML 28Page - Texas Instruments PCM5121 Datasheet HTML 29Page - Texas Instruments PCM5121 Datasheet HTML 30Page - Texas Instruments PCM5121 Datasheet HTML 31Page - Texas Instruments PCM5121 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 121 page
background image
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0
0.1
0.2
0.3
0.4
0.5
Frequency (
× f
S)
G009
−120
−100
−80
−60
−40
−20
0
0
1
2
3
4
Frequency (
× f
S)
G003
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
10
20
30
40
50
60
70
80
Samples
G006
28
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Table 15. Asymmetric FIR x8 Interpolation Filter, Single Rate
PARAMETER
CONDITION
VALUE (TYP)
VALUE (MAX)
UNIT
Filter Gain Pass Band
0 ……. 0.40 × fS
±0.05
dB
Filter Gain Stop Band
0.72 × fS ….. 7.28 × fS
–50
dB
Filter Group Delay
1.2 × ts
S
SPACE
Figure 37. Asymmetric FIR x8 Interpolation Filter
Frequency Response, Single Rate
Figure 38. Asymmetric FIR x8 Interpolation Filter Impulse
Response, Single Rate
Figure 39. Asymmetric FIR x8 Interpolation Filter Passband Ripple, Single Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com