Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5121 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 30Page - Texas Instruments PCM5121 Datasheet HTML 31Page - Texas Instruments PCM5121 Datasheet HTML 32Page - Texas Instruments PCM5121 Datasheet HTML 33Page - Texas Instruments PCM5121 Datasheet HTML 34Page - Texas Instruments PCM5121 Datasheet HTML 35Page - Texas Instruments PCM5121 Datasheet HTML 36Page - Texas Instruments PCM5121 Datasheet HTML 37Page - Texas Instruments PCM5121 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 121 page
background image
DI N
(1)
6
BQ
(2)
6
BQ
Lch
Rch
(3)
2
BQ
(5)
2
BQ
(7)
2
BQ
(8)
2
BQ
(6)
2
BQ
(4)
2
BQ
3
Band
DRC
Mono
Mixer
Stereo
Mux
Stereo
Mixer
Coeff-1
Coeff-2
Master
Vol ume
2ch
Interpolation
Filter
1ch
I2S
out
34
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
8.3.4.3 Fixed Audio Processing Flow (Program 5)
The PCM512x implements signal processing capabilities and interpolation filtering via processing blocks. These
fixed processing blocks give users the choice of how much and what type of signal processing they may use and
which interpolation filter is applied.
The signal processing blocks available are:
•
Biquad filters
•
Multiband DRC
•
Mono mixer
•
Stereo mixer
•
Average volume control
Users can find more details in Purepath Studio.
NOTE
This process flow requires 1024 instruction cycles. Therefore, it will only function at
sampling frequencies up to 48 kHz.
8.3.4.3.1
Filter Programming Changes
The following sequence must be followed to change the ROM program:
1. Enter Stand-by mode. (Set Page 0, Register 2, D(4))
2. Change program number. (Set Page 0, Register 43, D(4:0))
3. Exit Stand-by mode. (Reset Page 0, Register 2, D(4))
8.3.4.3.2
Processing Blocks – Detailed Descriptions
Figure 55 shows the fixed processing flow.
Figure 55. Preset Process Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com