Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5121 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 9Page - Texas Instruments PCM5121 Datasheet HTML 10Page - Texas Instruments PCM5121 Datasheet HTML 11Page - Texas Instruments PCM5121 Datasheet HTML 12Page - Texas Instruments PCM5121 Datasheet HTML 13Page - Texas Instruments PCM5121 Datasheet HTML 14Page - Texas Instruments PCM5121 Datasheet HTML 15Page - Texas Instruments PCM5121 Datasheet HTML 16Page - Texas Instruments PCM5121 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 121 page
background image
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
300
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
0
50
100
150
200
250
300
Frequency (kHz)
Frequency (kHz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
13
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Consumer grade (non-Q1) devices are specified for TA = 25°C, AVDD = CPVDD = DVDD = 3.3 V, fS = 48 kHz, system clock =
512 fS and 24-bit data (unless otherwise noted).
Figure 9. PCM5121 FFT Plot at BPZ With Analog Mute
(AMUTE)
Figure 10. PCM5122 FFT Plot at BPZ With Analog Mute
(AMUTE)
Figure 11. PCM5121 FFT Plot Using a 1-kHz Tone
(–60 dBFS) from DC to 300 kHz
Figure 12. PCM5122 FFT Plot Using a 1-kHz Tone
(–60 dBFS) from DC to 300 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com