Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5121 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 45Page - Texas Instruments PCM5121 Datasheet HTML 46Page - Texas Instruments PCM5121 Datasheet HTML 47Page - Texas Instruments PCM5121 Datasheet HTML 48Page - Texas Instruments PCM5121 Datasheet HTML 49Page - Texas Instruments PCM5121 Datasheet HTML 50Page - Texas Instruments PCM5121 Datasheet HTML 51Page - Texas Instruments PCM5121 Datasheet HTML 52Page - Texas Instruments PCM5121 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 121 page
background image
49
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Below are details of the register locations, as well as the nomenclature for the table of registers found at the end
of this document.
Table 35. PLL Registers
DIVIDER
FUNCTION
BITS
PLLE
PLL enable
Page 0, Register 4, D(0)
PPDV
PLL P
Page 0, Register 20, D(3:0)
PJDV
PLL J
Page 0, Register 21, D(5:0)
PDDV
PLL D
Page 0, Register 22, D(5:0)
Page 0, Register 23, D(7:0)
PRDV
PLL R
Page 0, Register 24, D(3:0)
Table 36. PLL Configuration Recommendations
COLUMN
DESCRIPTION
fS (kHz)
Sampling frequency
RSCK
Ratio between sampling frequency and SCK frequency (SCK frequency = RSCK × sampling frequency)
SCK (MHz)
System master clock frequency at SCK input (pin 20)
PLL VCO (MHz) PLL VCO frequency as PLLCK in Figure 63
P
One of the PLL coefficients in Equation 3
PLL REF (MHz)
Internal reference clock frequency which is produced by SCK / P
M = K * R
The final PLL multiplication factor computed from K and R as described in Equation 3
K = J.D
One of the PLL coefficients in Equation 3
R
One of the PLL coefficients in Equation 3
PLL fS
Ratio between fS and PLL VCO frequency (PLL VCO / fS)
DSP fS
Ratio between audio processor operating clock rate and fS (PLL fS / NMAC)
NMAC
The audio processor clock divider value in Table 34
DSP CLK (MHz) The audio processor operating frequency as DSPCK in Figure 63
MOD fS
Ratio between DAC operating clock frequency and fS (PLL fS / NDAC)
MOD f (kHz)
DAC operating frequency as DACCK in Figure 63
NDAC
DAC clock divider value in Table 34
DOSR
OSR clock divider value in Table 34 for generating OSRCK in Figure 63. DOSR must be chosen so that MOD fS / DOSR
= 16 for correct operation.
NCP
NCP (negative charge pump) clock divider value in Table 34
CP f
Negative charge pump clock frequency (fS × MOD fS / NCP)
% Error
Percentage of error between PLL VCO / PLL fS and fS (mismatch error).
•
This number is typically zero but can be non-zero especially when K is not an integer (D is not zero).
•
This number may be non-zero only when the PCM512x acts as a master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com