Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM5121 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 8Page - Texas Instruments PCM5121 Datasheet HTML 9Page - Texas Instruments PCM5121 Datasheet HTML 10Page - Texas Instruments PCM5121 Datasheet HTML 11Page - Texas Instruments PCM5121 Datasheet HTML 12Page - Texas Instruments PCM5121 Datasheet HTML 13Page - Texas Instruments PCM5121 Datasheet HTML 14Page - Texas Instruments PCM5121 Datasheet HTML 15Page - Texas Instruments PCM5121 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 121 page
background image
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
5
10
15
20
Frequency (kHz)
-110
-90
-70
-50
-30
-10
10
-100
-80
-60
-40
-20
0
Input Level (dBFS)
-110
-90
-70
-50
-30
-10
10
-100
-80
-60
-40
-20
0
Input Level (dBFS)
12
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
7.9 Typical Characteristics
Consumer grade (non-Q1) devices are specified for TA = 25°C, AVDD = CPVDD = DVDD = 3.3 V, fS = 48 kHz, system clock =
512 fS and 24-bit data (unless otherwise noted).
Figure 3. PCM5121 THD+N vs Input Level
Figure 4. PCM5122 THD+N vs Input Level
Figure 5. PCM5121 FFT Plot Using a 1-kHz Tone
(–60 dBFS) from DC to 20 kHz
Figure 6. PCM5122 FFT Plot Using a 1-kHz Tone
(–60 dBFS) from DC to 20 kHz
Figure 7. PCM5121 FFT Plot at Bipolar Zero Data (BPZ)
Figure 8. PCM5122 FFT Plot at BPZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com