Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85W Datasheet(PDF) 7 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M41ST85W Datasheet HTML 3Page - STMicroelectronics M41ST85W Datasheet HTML 4Page - STMicroelectronics M41ST85W Datasheet HTML 5Page - STMicroelectronics M41ST85W Datasheet HTML 6Page - STMicroelectronics M41ST85W Datasheet HTML 7Page - STMicroelectronics M41ST85W Datasheet HTML 8Page - STMicroelectronics M41ST85W Datasheet HTML 9Page - STMicroelectronics M41ST85W Datasheet HTML 10Page - STMicroelectronics M41ST85W Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
DocID7531 Rev 12
7/43
M41ST85W
Description
43
The M41ST85W is offered in two 28-lead SOIC packages. The 300 mil SOH28 SNAPHAT®
IC package mates with ST’s SNAPHAT battery/crystal top (ordered separately). SNAPHAT
battery options include 48 mAh and 120 mAh. ST’s 300 mil SOX28 embedded crystal IC
includes the 32 KHz crystal and is perfect for applications where a low profile is a must.
The SOH28 SNAPHAT SOIC includes sockets with gold plated contacts at both ends for
direct connection to the SNAPHAT top. The SNAPHAT battery/crystal top is inserted atop
the IC package after the completion of the surface mount assembly process which avoids
potential battery and crystal damage due to the high temperatures required for device
surface-mounting. The unique design allows the battery to be replaced, thus extending the
life of the RTC and NVRAM indefinitely.
The SNAPHAT top is keyed to prevent reverse insertion. The SNAPHAT IC and SNAPHAT
tops are shipped separately. The ICs are available in plastic anti-static tubes or in tape &
reel form. The SNAPHAT tops are shipped in plastic anti-static tubes. The part numbers are
M4T28-BR12SH1 (48 mAh) and M4T32-BR12SH1 (120 mAh). For the extended
temperature requirement, the 120 mAh M4T32-BR12SH6 is available. For more
information, see Table on page 40.
Caution:
Do not place the SNAPHAT® battery/crystal top in conductive foam, as this will drain the
lithium button-cell battery.
The 300 mil SOX embedded crystal SOIC typically requires a user-supplied battery for non-
volatile operation. Capacitor backup can also be implemented with this package.
Figure 1. Logic diagram
1. For 28-pin, 300 mil embedded crystal SOIC only.
AI03658
SCL
VCC
M41ST85W
EX
VSS
VBAT
(1)
SDA
RSTIN1
IRQ/FT/OUT
SQW
WDI
RSTIN2
PFI
ECON
RST
PFO
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com