Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85W Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41ST85W Datasheet HTML 27Page - STMicroelectronics M41ST85W Datasheet HTML 28Page - STMicroelectronics M41ST85W Datasheet HTML 29Page - STMicroelectronics M41ST85W Datasheet HTML 30Page - STMicroelectronics M41ST85W Datasheet HTML 31Page - STMicroelectronics M41ST85W Datasheet HTML 32Page - STMicroelectronics M41ST85W Datasheet HTML 33Page - STMicroelectronics M41ST85W Datasheet HTML 34Page - STMicroelectronics M41ST85W Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
DocID7531 Rev 12
31/43
M41ST85W
DC and AC parameters
43
IBAT
(2)
Battery current OSC ON
TA = 25°C, VCC = 0 V, VBAT = 3 V
400
500
nA
Battery current OSC OFF
50
nA
ICC1
Supply current
f = 400 kHz
0.75
mA
ICC2
Supply current (standby)
SCL, SDA = VCC – 0.3 V
or VSS + 0.3 V
0.50
mA
ILI
(3)
Input leakage current
0V
≤ V
IN ≤ VCC
±1
µA
Input leakage current (PFI)
–25
2
25
nA
ILO
(4)
Output leakage current
0V
≤ V
IN ≤ VCC
±1
µA
IOUT1
(5) V
OUT current (active)
VOUT1 > VCC – 0.3 V
100
mA
IOUT2
VOUT current (battery backup)
VOUT2 > VBAT – 0.3 V
100
µA
VIH
Input high voltage
0.7VCC
VCC + 0.3
V
VIL
Input low voltage
–0.3
0.3VCC
V
VBAT
Battery voltage
2.5
3.0
3.5(6)
V
VOH
Output high voltage(7)
IOH = –1.0 mA
2.4
V
Pull-up supply voltage (open drain)
RST, IRQ/FT/OUT
3.6
V
VOHB
(8)
VOH (battery backup)
IOUT2 = –1.0 µA
2.5
2.9
3.5
V
VOL
Output low voltage
IOL = 3.0 mA
0.4
V
Output low voltage (open drain)(9)
IOL = 10 mA
0.4
V
VPFD
Power fail deselect
2.55
2.60
2.70
V
VPFI
PFI input threshold
VCC = 3 V(W)
1.225
1.250
1.275
V
PFI hysteresis
PFI rising
20
70
mV
VSO
Battery backup switchover
2.5
V
1. Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 2.7 to 3.6 V (except where noted).
2. Measured with VOUT and ECON open.
3. RSTIN1 and RSTIN2 internally pulled-up to VCC through 100 kΩ resistor. WDI internally pulled-down to VSS through
100 k
Ω resistor.
4. Outputs deselected.
5. External SRAM must match RTC supervisor chip VCC specification.
6. For rechargeable backup, VBAT (max) may be considered VCC.
7. For PFO and SQW pins (CMOS).
8. Conditioned output (ECON) can only sustain CMOS leakage current in the battery backup mode. Higher leakage currents
will reduce battery life.
9. For IRQ/FT/OUT, RST pins (open drain): if pulled-up to supply other than VCC, this supply must be equal to, or less than
3.0 V when VCC = 0 V (during battery backup mode).
Table 11. DC characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com