Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85W Datasheet(PDF) 40 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M41ST85W Datasheet HTML 35Page - STMicroelectronics M41ST85W Datasheet HTML 36Page - STMicroelectronics M41ST85W Datasheet HTML 37Page - STMicroelectronics M41ST85W Datasheet HTML 38Page - STMicroelectronics M41ST85W Datasheet HTML 39Page - STMicroelectronics M41ST85W Datasheet HTML 40Page - STMicroelectronics M41ST85W Datasheet HTML 41Page - STMicroelectronics M41ST85W Datasheet HTML 42Page - STMicroelectronics M41ST85W Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Part numbering
M41ST85W
40/43
DocID7531 Rev 12
7
Part numbering
Table 20. Ordering information scheme
Caution:
Do not place the SNAPHAT® battery package “M4Txx-BR12SH” in conductive foam as it will
drain the lithium button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Example:
M41ST
85W
MH
6
E
Device type
M41ST
Supply voltage and write protect voltage
85W = VCC = 2.7 to 3.6 V; 2.55V ≤ VPFD ≤ 2.70 V
Package
MH(1) = SOH28
1. The 28-pin SOIC package (SOH28) requires the SNAPHAT® battery/crystal package which is ordered
separately under the part number “M4TXX-BR12SHx” in plastic tube (see Table ).
MX(2) = SOX28
2. The SOX28 package includes an embedded 32,768 Hz crystal.
Temperature range
6 = –40 to 85°C
Shipping method
For SOH28:
E = ECOPACK® package, tubes(3)
3. Not recommended for new design. Contact local ST sales office for availability.
F = ECOPACK® package, tape & reel
For SOX28:
Blank = ECOPACK® package, tubes(3)
TR = ECOPACK® package, tape & reel
Table 21. SNAPHAT® battery/crystal table
Part number
Description
Package
M4T28-BR12SH
Lithium battery (48 mAh) and crystal SNAPHAT® top
SH
M4T32-BR12SH
Lithium battery (120 mAh) and crystal SNAPHAT® top
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com