Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85W Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41ST85W Datasheet HTML 13Page - STMicroelectronics M41ST85W Datasheet HTML 14Page - STMicroelectronics M41ST85W Datasheet HTML 15Page - STMicroelectronics M41ST85W Datasheet HTML 16Page - STMicroelectronics M41ST85W Datasheet HTML 17Page - STMicroelectronics M41ST85W Datasheet HTML 18Page - STMicroelectronics M41ST85W Datasheet HTML 19Page - STMicroelectronics M41ST85W Datasheet HTML 20Page - STMicroelectronics M41ST85W Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
DocID7531 Rev 12
17/43
M41ST85W
Operating modes
43
2.3
Write mode
In this mode the master transmitter transmits to the M41ST85W slave receiver. Bus protocol
is shown in Figure 12. Following the START condition and slave address, a logic '0' (R/W=0)
is placed on the bus and indicates to the addressed device that word address An will follow
and is to be written to the on-chip address pointer. The data word to be written to the
memory is strobed in next and the internal address pointer is incremented to the next
memory location within the RAM on the reception of an acknowledge clock. The
M41ST85W slave receiver will send an acknowledge clock to the master transmitter after it
has received the slave address and again after it has received the word address and each
data byte.
Figure 12. Write mode sequence
2.4
Data retention mode
With valid VCC applied, the M41ST85W can be accessed as described above with READ or
WRITE cycles. Should the supply voltage decay, the M41ST85W will automatically deselect,
write protecting itself (and any external SRAM) when VCC falls between VPFD(max) and
VPFD(min). This is accomplished by internally inhibiting access to the clock registers. At this
time, the reset pin (RST) is driven active and will remain active until VCC returns to nominal
levels. External RAM access is inhibited in a similar manner by forcing ECON to a high level.
This level is within 0.2 volts of the VBAT. ECON will remain at this level as long as VCC
remains at an out-of-tolerance condition. When VCC falls below the battery backup
switchover voltage (VSO), power input is switched from the VCC pin to the SNAPHAT
®
battery, and the clock registers and external SRAM are maintained from the attached battery
supply.
All outputs become high impedance. The VOUT pin is capable of supplying 100 µA of current
to the attached memory with less than 0.3 volts drop under this condition. On power-up,
when VCC returns to a nominal value, write protection continues for trec by inhibiting ECON.
The RST signal also remains active during this time (see Figure 20 on page 33).
Note:
Most low power SRAMs on the market today can be used with the M41ST85W RTC
SUPERVISOR. There are, however some criteria which should be used in making the final
choice of an SRAM to use. The SRAM must be designed in a way where the chip enable
input disables all other inputs to the SRAM. This allows inputs to the M41ST85W and
SRAMs to be “Don’t Care” once VCC falls below VPFD(min). The SRAM should also
guarantee data retention down to VCC = 2.0 volts. The chip enable access time must be
sufficient to meet the system needs with the chip enable output propagation delays
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com