Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85W Datasheet(PDF) 27 Page - STMicroelectronics

Part # M41ST85W
Description  3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85W Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M41ST85W Datasheet HTML 23Page - STMicroelectronics M41ST85W Datasheet HTML 24Page - STMicroelectronics M41ST85W Datasheet HTML 25Page - STMicroelectronics M41ST85W Datasheet HTML 26Page - STMicroelectronics M41ST85W Datasheet HTML 27Page - STMicroelectronics M41ST85W Datasheet HTML 28Page - STMicroelectronics M41ST85W Datasheet HTML 29Page - STMicroelectronics M41ST85W Datasheet HTML 30Page - STMicroelectronics M41ST85W Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
DocID7531 Rev 12
27/43
M41ST85W
Clock operation
43
regulator. The voltage divider can be set up such that the voltage at PFI falls below VPFI
several milliseconds before the regulated VCC input to the M41ST85W or the
microprocessor drops below the minimum operating voltage.
During battery backup, the power-fail comparator turns off and PFO goes (or remains) low.
This occurs after VCC drops below VPFD(min). When power returns, PFO is forced high,
irrespective of VPFI for the write protect time (trec), which is the time from VPFD(max) until the
inputs are recognized. At the end of this time, the power-fail comparator is enabled and PFO
follows PFI. If the comparator is unused, PFI should be connected to VSS and PFO left
unconnected.
3.10
Century bit
Bits D7 and D6 of clock register 03h contain the Century Enable bit (CEB) and the Century
bit (CB). Setting CEB to a '1' will cause CB to toggle, either from a '0' to '1' or from '1' to '0' at
the turn of the century (depending upon its initial state). If CEB is set to a '0,' CB will not
toggle.
3.11
Output driver pin
When the FT bit, AFE bit and watchdog register are not set, the IRQ/FT/OUT pin becomes
an output driver that reflects the contents of D7 of the control register. In other words, when
D7 (OUT bit) and D6 (FT bit) of address location 08h are a '0,' then the IRQ/FT/OUT pin will
be driven low.
Note:
The IRQ/FT/OUT pin is an open drain which requires an external pull-up resistor.
3.12
Battery low warning
The M41ST85W automatically performs battery voltage monitoring upon power-up and at
factory-programmed time intervals of approximately 24 hours. The battery low (BL) bit, bit
D4 of flags register 0Fh, will be asserted if the battery voltage is found to be less than
approximately 2.5 V. The BL bit will remain asserted until completion of battery replacement
and subsequent battery low monitoring tests, either during the next power-up sequence or
the next scheduled 24-hour interval.
If a battery low is generated during a power-up sequence, this indicates that the battery is
below approximately 2.5 volts and may not be able to maintain data integrity in the SRAM.
Data should be considered suspect and verified as correct. A fresh battery should be
installed.
If a battery low indication is generated during the 24-hour interval check, this indicates that
the battery is near end of life. However, data is not compromised due to the fact that a
nominal VCC is supplied. In order to insure data integrity during subsequent periods of
battery backup mode, the battery should be replaced. The SNAPHAT® top may be replaced
while VCC is applied to the device.
Note:
This will cause the clock to lose time during the interval the SNAPHAT battery/crystal top is
disconnected.
The M41ST85W only monitors the battery when a nominal VCC is applied to the device.
Thus applications which require extensive durations in the battery backup mode should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com