Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WMX6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41ST87WMX6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41ST87WMX6F Datasheet HTML 5Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 6Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 7Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 8Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 9Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 10Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 11Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 12Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
M41ST87W
Description
DocID9497 Rev 11
9/54
Table 1: Signal names
XI
(1)
Oscillator input
XO
(1)
Oscillator output
E̅ CON(2)
Conditioned chip enable output
EX(2)
External chip enable
IRQ/OUT(3)
Interrupt/out output (open drain)
PFI1
Power fail input 1
PFI2
Power fail input 2
PFO1(4)
Power fail output 1
PFO2(4)
Power fail output 2
RST(3)
Reset output (open drain)
RSTIN1
Reset 1 input
RSTIN2(2)
Reset 2 input
SCL
Serial clock input
SDA
Serial data input/output
SQW/FT
(4)
Square wave output/frequency test
WDI
(2)
Watchdog input
VCC
Supply voltage
VOUT
Voltage output
VSS
Ground
F32k
(3)
32 kHz square wave output (open drain)
TP1IN
Tamper pin 1 input
TP2IN
Tamper pin 2 input
TPCLR
(2)
Tamper pin RAM clear
VBAT
Positive battery pin input
NF
(5)
No function
NC
(5)
No connect
Notes:
(1)
Available in SSOP package only.
(2)
Available in SOX28 package only.
(3)
Open drain output.
(4)
Programmable output (open drain or full-CMOS).
(5)
Should be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com