Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WMX6F Datasheet(PDF) 28 Page - STMicroelectronics

Part # M41ST87WMX6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M41ST87WMX6F Datasheet HTML 24Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 25Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 26Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 27Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 28Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 29Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 30Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 31Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Clock operation
M41ST87W
28/54
DocID9497 Rev 11
3
Clock operation
The eight byte clock register (see Table 8: "TIMEKEEPER® register map") is used to both
set the clock and to read the date and time from the clock, in a binary coded decimal
format. Tenths/hundredths of seconds, seconds, minutes, and hours are contained within
the first four registers.
Note: A WRITE to any clock register (addresses 0 to 7h) will result in the tenths/hundredths
of seconds being reset to “00.” Furthermore, the tenths/hundredths of seconds cannot be
written to any value other than “00.”
Bits D6 and D7 of clock register 03h (century/hours register) contain the CENTURY bit 0
(CB0) and CENTURY bit 1 (CB1). Bits D0 through D2 of register 04h contain the day (day
of week). Registers 05h, 06h, and 07h contain the date (day of month), month, and years.
The ninth clock register is the control register (this is described in the clock calibration
section). Bit D7 of register 01h contains the STOP bit (ST). Setting this bit to a '1' will cause
the oscillator to stop. If the device is expected to spend a significant amount of time on the
shelf, the oscillator may be stopped to reduce current drain. When reset to a '0' the
oscillator restarts within one second (typical).
Note: A WRITE to ANY location within the first eight bytes of the clock register (00h-07h),
including the OFIE bit, CLRPW0 bit, CLRPW1 bit, THS bit, and so forth, will result in an
update of the system clock and a reset of the divider chain. This could result in a significant
corruption of the current time, especially if the HT bit (see Section 3.1: "Power-down time-
stamp") has not been previously reset. These non-clock related bits should be written prior
to setting the clock, and remain unchanged until such time as a new clock time is also
written.
The eight clock registers may be read one byte at a time, or in a sequential block. The
control register (address location 08h) may be accessed independently. The M41ST87 will
periodically copy the time/date counters to the user registers thus updating them. This
process is suspended when any of these 8 registers is being accessed. It is also
suspended during backup mode. Suspending the updates ensures that the clock data
being read does not change during the READ.
3.1
Power-down time-stamp
Upon power-down following a power failure, the halt update bit (HT) will automatically be
set to a '1.' This will prevent the clock from updating the user registers, and will allow the
user to read the time of the power-down event.
Note: When the HT bit is set or a tamper event occurs, the tenths/hundredths of a second
register (00h) will automatically be reset to a value of “00.” All other date and time registers
(01h - 07h) will retain the value last updated prior to the power-down or tamper event. The
internal clock remains accurate and no time is lost as a result of the zeroing of the
tenth/hundredths of a second register. When updates are resumed (due to resetting the HT
bit or TEB bit), the correct time will be displayed.
Resetting the HT bit to a '0' will allow the clock to update the user registers with the current
time.
Note: If the TEB bit is set, the power down time-stamp will be disabled, and the tamper
event time-stamp will take precedence (see Section 2.7: "Tamper detection operation").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com