Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WMX6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41ST87WMX6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41ST87WMX6F Datasheet HTML 13Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 14Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 15Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 16Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 17Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 18Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 19Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 20Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
M41ST87W
Operating modes
DocID9497 Rev 11
17/54
2.3
WRITE mode
In this mode the master transmitter transmits to the M41ST87Y/W slave receiver. Bus
protocol is shown in Figure 12: "WRITE mode sequence". Following the START condition
and slave address, a logic '0' (R/W̅ = 0) is placed on the bus and indicates to the
addressed device that word address An will follow and is to be written to the on-chip
address pointer. The data word to be written to the memory is strobed in next and the
internal address pointer is incremented to the next memory location within the RAM on the
reception of an acknowledge clock. The M41ST87Y/W slave receiver will send an
acknowledge clock to the master transmitter after it has received the slave address (see
Figure 9: "Slave address location") and again after it has received the word address and
each data byte.
Figure 12: WRITE mode sequence
Figure 13: WRITE cycle timing: RTC and external SRAM control signals
1.
Available in SOX28 package only.
2.4
Data retention mode
With valid VCC applied, the M41ST87Y/W can be accessed as described above with READ
or WRITE cycles. Should the supply voltage decay, the M41ST87Y/W will automatically
deselect, write protecting itself (and any external SRAM) when VCC falls between VPFD
(max) and VPFD (min) (see Figure 28: "Power down/up mode AC waveforms", Table 21:
"Power down/up AC characteristics"). This is accomplished by internally inhibiting access
to the clock registers. At this time, the reset pin (
RST)isdrivenactiveandwillremainactive
until VCC returns to nominal levels. External RAM access is inhibited in a similar manner by
forcing E̅
CON to a high level. This level is within 0.2 volts of the VBAT
. E̅
CON will remain at this
level as long as VCC remains at an out-of-tolerance condition. When VCC falls below the
battery backup switchover voltage (VSO), power input is switched from the VCC pin to the
battery, and the clock registers and external SRAM are maintained from the attached
battery supply.
All signal outputs become high impedance. The VOUT pin is capable of supplying 100 µA of
current to the attached memory with less than 0.3 volts drop under this condition. On power
up, when VCC returns to a nominal value, write protection continues for trec by inhibiting
BUS ACTIVIT Y:
S
P
SD A LINE
BUS ACTIVIT Y:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SL AVE
ADDRESS
EX
(1)
ECON
(1)
t EXPD
t EXPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com