Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WMX6F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M41ST87WMX6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M41ST87WMX6F Datasheet HTML 23Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 24Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 25Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 26Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 27Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 28Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 29Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 30Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
M41ST87W
Operating modes
DocID9497 Rev 11
27/54
2.11
Tamper event time-stamp
Regardless of which tamper occurs first, not only will the appropriate tamper bit be set, but
the event will also be automatically time-stamped. This is accomplished by freezing the
normal update of the clock registers (00h through 07h) immediately following a tamper
event. Thus, when tampering occurs, the user may first read the time registers to determine
exactly when the tamper event occurred, then re-enable the clock update to the current
time (and reset the tamper bit, TBX) by resetting the tamper enable bit (TEBX).
The time update will then resume and the clock can be read to determine the current time.
Both tamper enable bits (TEBX) must always be set to '0' in order to read the current time.
In the event of multiple tampers, the time-stamp will reflect the initial tamper event.
Note: If the TEBX bit is set, the tamper event time-stamp will take precedence over the
power down time-stamp (see Section 3.1: "Power-down time-stamp") and the HT bit (halt
update) will not be set during the power-down event. If both are needed, the power down
time-stamp may be accomplished by writing the time into the general purpose RAM
memory space when
PFOisasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com