Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WMX6F Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41ST87WMX6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41ST87WMX6F Datasheet HTML 18Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 19Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 20Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 21Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 22Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 23Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 24Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 25Page - STMicroelectronics M41ST87WMX6F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Operating modes
M41ST87W
22/54
DocID9497 Rev 11
from being pulled to ground by the output of the charge pump when it is in shut-down mode
(
SHDN=logiclow).ThegatesofbothMOSFETsshouldbeconnectedtoTP
CLR as shown
in Figure 20: "RAM clear hardware hookup (SOX28 package only)". One n-channel
enhancement MOSFET should be placed between the output of the inverting charge pump
and the VOUT of the M41ST87. The other MOSFET should be an enhancement mode p-
channel, and placed between VOUT of the M41ST87 and VCC of the external SRAM. When
TPCLR goes high after a tamper condition occurs, the n-channel MOSFET will turn on and
the p-channel will turn off. During normal operating conditions, TPCLR will be low and the p-
channel will be on, while the n-channel will be off.
Table 5: Tamper detection current (normally closed - TCMX = '0')
TDSX
TCHI/
������������������������������������������������X
Tamper circuit mode
Current at 3.0 V (typ)
(1)(2)
Unit
0
0
Continuous monitoring / 10 MW pull-up/-down
0.3
µA
0
1
Continuous monitoring / 1 MW pull-up/-down
3.0
µA
1
0
Sampling (1 Hz) / 10 MW pull-up/-down
0.3
nA
1
1
Sampling (1 Hz) / 1 MW pull-up/-down
3.0
nA
Notes:
(1)
Per tamper detect input
(2)
When calculating battery lifetime, this current should be added to IBAT current listed in Table 19: "DC characteristics".
Figure 17: Tamper detect sampling options
TAMPER LO,
NORMALLY OPEN
TAMPER HI,
NORMALLY CLOSED
User
Configuration
TDS
X = 0
TDS
X = 1
TDS
X = 0
TDS
X = 1
TAMPER HI,
NORMALLY OPEN
TAMPER LO,
NORMALLY, CLOSED
CONTINUOUS
MONITORING
CONTINUOUS
MONITORING
CONTINUOUS
MONITORING
SAMPLED
MONITORING
CONTINUOUS
MONITORING
SAMPLED
MONITORING
VCC (VOUT)
VCC (VOUT)
VCC (VOUT)
TCM
X, TPMX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com