Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237000 Datasheet(PDF) 10 Page - Lapp.

Part # 1237000
Description  ÖLFLEX® HEAT 125 SC 450/750V 1X6 BK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1237000 Datasheet(HTML) 10 Page - Lapp.

Back Button 1237000 Datasheet HTML 3Page - Lapp. 1237000 Datasheet HTML 4Page - Lapp. 1237000 Datasheet HTML 5Page - Lapp. 1237000 Datasheet HTML 6Page - Lapp. 1237000 Datasheet HTML 7Page - Lapp. 1237000 Datasheet HTML 8Page - Lapp. 1237000 Datasheet HTML 9Page - Lapp. 1237000 Datasheet HTML 10Page - Lapp. 1237000 Datasheet HTML 11Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Article information
2025-06-30
© (2025) Lapp Group - all rights reserved.
Page 10 of 11
Article
No.
Name
Conductor cross-section
(mm2)
Single core
color
Single core packaging
type
Length per
PU
Nominal voltage
Nominal core
diameter
Copper
index
Weight
1245001
ÖLFLEX® HEAT 125 SC 450/750V
1X95 BK
95 mm²
black
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
912 kg/km
937 kg
/km
1246001
ÖLFLEX® HEAT 125 SC 450/750V
1X120 BK
120 mm²
black
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
1,152 kg
/km
1159 kg
/km
1247000
ÖLFLEX® HEAT 125 SC 450/750V
1X150 GNYE
150 mm² green/yellow
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
1,440 kg
/km
1447 kg
/km
1247001
ÖLFLEX® HEAT 125 SC 450/750V
1X150 BK
150 mm²
black
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
1,440 kg
/km
1447 kg
/km
1248001
ÖLFLEX® HEAT 125 SC 450/750V
1X185 BK
185 mm²
black
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
1,776 kg
/km
1790 kg
/km
1249001
ÖLFLEX® HEAT 125 SC 450/750V
1X240 BK
240 mm²
black
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
2,304 kg
/km
2318 kg
/km



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com