Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237000 Datasheet(PDF) 8 Page - Lapp.

Part # 1237000
Description  ÖLFLEX® HEAT 125 SC 450/750V 1X6 BK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1237000 Datasheet(HTML) 8 Page - Lapp.

Back Button 1237000 Datasheet HTML 3Page - Lapp. 1237000 Datasheet HTML 4Page - Lapp. 1237000 Datasheet HTML 5Page - Lapp. 1237000 Datasheet HTML 6Page - Lapp. 1237000 Datasheet HTML 7Page - Lapp. 1237000 Datasheet HTML 8Page - Lapp. 1237000 Datasheet HTML 9Page - Lapp. 1237000 Datasheet HTML 10Page - Lapp. 1237000 Datasheet HTML 11Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Article information
2025-06-30
© (2025) Lapp Group - all rights reserved.
Page 8 of 11
Article
No.
Name
Conductor cross-section
(mm2)
Single core
color
Single core packaging
type
Length per
PU
Nominal voltage
Nominal core
diameter
Copper
index
Weight
1237114 ÖLFLEX® HEAT 125 SC 450/750V 1X4
DBU
4 mm²
dark blue
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
38.4 kg/km 49 kg/km
1238000 ÖLFLEX® HEAT 125 SC 450/750V 1X6
GNYE
6 mm² green/yellow
Depending on length
100 m
U /U: 450/750 V AC rms
0
according to IEC
57.6 kg/km 67 kg/km
1238001 ÖLFLEX® HEAT 125 SC 450/750V 1X6
BK
6 mm²
black
Depending on length
100 m
U /U: 450/750 V AC rms
0
according to IEC
57.6 kg/km 67 kg/km
1238002 ÖLFLEX® HEAT 125 SC 450/750V 1X6
BU
6 mm²
blue
Depending on length
100 m
U /U: 450/750 V AC rms
0
according to IEC
57.6 kg/km 67 kg/km
1238003 ÖLFLEX® HEAT 125 SC 450/750V 1X6
BN
6 mm²
brown
Depending on length
100 m
U /U: 450/750 V AC rms
0
according to IEC
57.6 kg/km 67 kg/km
1238104 ÖLFLEX® HEAT 125 SC 450/750V 1X6
RD
6 mm²
red
Depending on length
100 m
U /U: 450/750 V AC rms
0
according to IEC
57.6 kg/km 67 kg/km
1238106 ÖLFLEX® HEAT 125 SC 450/750V 1X6
GY
6 mm²
grey
Depending on length
100 m
U /U: 450/750 V AC rms
0
according to IEC
57.6 kg/km 67 kg/km
1238114 ÖLFLEX® HEAT 125 SC 450/750V 1X6
DBU
6 mm²
dark blue
Depending on length
100 m
U /U: 450/750 V AC rms
0
according to IEC
57.6 kg/km 67 kg/km
1239000
ÖLFLEX® HEAT 125 SC 450/750V
1X10 GNYE
10 mm² green/yellow
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
96 kg/km
112 kg
/km
1239001
ÖLFLEX® HEAT 125 SC 450/750V
1X10 BK
10 mm²
black
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
96 kg/km
112 kg
/km
1239002
ÖLFLEX® HEAT 125 SC 450/750V
1X10 BU
10 mm²
blue
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
96 kg/km
112 kg
/km
1239003
ÖLFLEX® HEAT 125 SC 450/750V
1X10 BN
10 mm²
brown
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
96 kg/km
112 kg
/km
1239104
ÖLFLEX® HEAT 125 SC 450/750V
1X10 RD
10 mm²
red
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
96 kg/km
112 kg
/km
1240000
ÖLFLEX® HEAT 125 SC 450/750V
1X16 GNYE
16 mm² green/yellow
Depending on length
U /U: 450/750 V AC rms
0
according to IEC
153.6 kg
/km
172 kg
/km



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com