Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237000 Datasheet(PDF) 7 Page - Lapp.

Part # 1237000
Description  ÖLFLEX® HEAT 125 SC 450/750V 1X6 BK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1237000 Datasheet(HTML) 7 Page - Lapp.

Back Button 1237000 Datasheet HTML 3Page - Lapp. 1237000 Datasheet HTML 4Page - Lapp. 1237000 Datasheet HTML 5Page - Lapp. 1237000 Datasheet HTML 6Page - Lapp. 1237000 Datasheet HTML 7Page - Lapp. 1237000 Datasheet HTML 8Page - Lapp. 1237000 Datasheet HTML 9Page - Lapp. 1237000 Datasheet HTML 10Page - Lapp. 1237000 Datasheet HTML 11Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Article information
2025-06-30
© (2025) Lapp Group - all rights reserved.
Page 7 of 11
Article
No.
Name
Conductor cross-section
(mm2)
Single core
color
Single core packaging
type
Length per
PU
Nominal voltage
Nominal core
diameter
Copper
index
Weight
1236007 ÖLFLEX® HEAT 125 SC 450/750V 1X2,
5 VT
2.5 mm²
violet
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
24 kg/km 33 kg/km
1236009 ÖLFLEX® HEAT 125 SC 450/750V 1X2,
5 OG
2.5 mm²
orange
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
24 kg/km 33 kg/km
1236104 ÖLFLEX® HEAT 125 SC 450/750V 1X2,
5 RD
2.5 mm²
red
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
24 kg/km 33 kg/km
1236105 ÖLFLEX® HEAT 125 SC 450/750V 1X2,
5 WH
2.5 mm²
white
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
24 kg/km 33 kg/km
1236106 ÖLFLEX® HEAT 125 SC 450/750V 1X2,
5 GY
2.5 mm²
grey
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
24 kg/km 33 kg/km
1236114 ÖLFLEX® HEAT 125 SC 450/750V 1X2,
5 DBU
2.5 mm²
dark blue
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
24 kg/km 33 kg/km
1237000 ÖLFLEX® HEAT 125 SC 450/750V 1X4
GNYE
4 mm² green/yellow
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
38.4 kg/km 49 kg/km
1237001 ÖLFLEX® HEAT 125 SC 450/750V 1X4
BK
4 mm²
black
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
38.4 kg/km 49 kg/km
1237002 ÖLFLEX® HEAT 125 SC 450/750V 1X4
BU
4 mm²
blue
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
38.4 kg/km 49 kg/km
1237003 ÖLFLEX® HEAT 125 SC 450/750V 1X4
BN
4 mm²
brown
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
38.4 kg/km 49 kg/km
1237009 ÖLFLEX® HEAT 125 SC 450/750V 1X4
OG
4 mm²
orange
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
38.4 kg/km 49 kg/km
1237104 ÖLFLEX® HEAT 125 SC 450/750V 1X4
RD
4 mm²
red
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
38.4 kg/km 49 kg/km
1237105 ÖLFLEX® HEAT 125 SC 450/750V 1X4
WH
4 mm²
white
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
38.4 kg/km 49 kg/km
1237106 ÖLFLEX® HEAT 125 SC 450/750V 1X4
GY
4 mm²
grey
Ring
100 m
U /U: 450/750 V AC rms
0
according to IEC
38.4 kg/km 49 kg/km



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com