Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237000 Datasheet(PDF) 3 Page - Lapp.

Part # 1237000
Description  ÖLFLEX® HEAT 125 SC 450/750V 1X6 BK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1237000 Datasheet(HTML) 3 Page - Lapp.

  1237000 Datasheet HTML 1Page - Lapp. 1237000 Datasheet HTML 2Page - Lapp. 1237000 Datasheet HTML 3Page - Lapp. 1237000 Datasheet HTML 4Page - Lapp. 1237000 Datasheet HTML 5Page - Lapp. 1237000 Datasheet HTML 6Page - Lapp. 1237000 Datasheet HTML 7Page - Lapp. 1237000 Datasheet HTML 8Page - Lapp. 1237000 Datasheet HTML 9Page - Lapp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Article information
2025-06-30
© (2025) Lapp Group - all rights reserved.
Page 3 of 11
Conductor material
Tin-plated Copper
Conductor design
IEC 60228 class 5: fine-wire
Number of cores
1
Stranding type
Layered Stranding
Nominal outer diameter
4.8 mm
Shape of cable
Round
Core insulation base material
Electron beam cross-linked polymer
compound
Single core color
black
Single core identification
Single-coloured
Product features
Application area
Fixed Installation
Minimum bending radius, fixed installation 4 x outer diameter
Minimum bending radius in mm,
stationary
19.2 mm
Minimum bending radius, occasionally
moved
6 x outer diameter
Minimum bending radius in mm,
occasionally flexing
28.8 mm
Temperature, fixed installation
-55 °C to 125 °C
Temperature, occasionally moved
-35 °C to 120 °C
Short-term temperature peak
145 °C
Short term temperature max.
145 °C
Flame-retardant
Yes
Flame retardance according to
IEC 60332-3-22
UV-resistant
Yes
UV-resistant according to
EN ISO 4892-2, method A (colour change
permitted)
Halogenfree
Yes
Zero halogen according to
IEC 60754-1
Oil-resistant
Yes
Oil resistance according to
EN 50290-2-22: TM 54
PWIS-free
Yes
PWIS-free according to
VDMA 24364-B2-L



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com