Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237000 Datasheet(PDF) 2 Page - Lapp.

Part # 1237000
Description  ÖLFLEX® HEAT 125 SC 450/750V 1X6 BK
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1237000 Datasheet(HTML) 2 Page - Lapp.

  1237000 Datasheet HTML 1Page - Lapp. 1237000 Datasheet HTML 2Page - Lapp. 1237000 Datasheet HTML 3Page - Lapp. 1237000 Datasheet HTML 4Page - Lapp. 1237000 Datasheet HTML 5Page - Lapp. 1237000 Datasheet HTML 6Page - Lapp. 1237000 Datasheet HTML 7Page - Lapp. 1237000 Datasheet HTML 8Page - Lapp. 1237000 Datasheet HTML 9Page - Lapp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Article information
2025-06-30
© (2025) Lapp Group - all rights reserved.
Page 2 of 11
Notes
Photographs and graphics are not to scale and do not represent detailed images of the
respective products.
If applicable, the prices are solid metal prices without surcharges and VAT. Sales only to
business customers.
Unless specified otherwise, the product values shown are rated values at room
temperature. You can receive further values, such as tolerances, upon request if they
are available and have been released for publication.
The absence of LABS raw materials does not protect against the potential risk of
contamination with substances that interfere with the paint wetting during subsequent
handling of the product(s) during transport, storage or further processing after delivery.
Remarks
Technical Data
General information
Brand
ÖLFLEX®
Product type
Single core
Weight
67 kg/km
Copper index
57.6 kg/km
Single core packaging type
Depending on length
Length per PU
100 m
Electrical parameters
Nominal voltage
U /U: 450/750 V AC rms according to IEC
0
Fixed installation nominal voltage
U /U: 0,6/1 kV AC rms according to IEC
0
Test voltage
4 kV
Max. conductor resistance at 20°C
3.39 Ω/km
Product design
Harmonised design
H07Z-K
Cable dimension
1X6
Conductor cross-section (mm2)
6 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com