Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D200 Datasheet(PDF) 8 Page - STMicroelectronics

Part # GS-D200
Description  2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D200 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button GS-D200 Datasheet HTML 4Page - STMicroelectronics GS-D200 Datasheet HTML 5Page - STMicroelectronics GS-D200 Datasheet HTML 6Page - STMicroelectronics GS-D200 Datasheet HTML 7Page - STMicroelectronics GS-D200 Datasheet HTML 8Page - STMicroelectronics GS-D200 Datasheet HTML 9Page - STMicroelectronics GS-D200 Datasheet HTML 10Page - STMicroelectronics GS-D200 Datasheet HTML 11Page - STMicroelectronics GS-D200 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/17
PHASE SEQUENCE GENERATION INSIDE THE
GS-D200/GS-D200S
The modules contains a three bit counter plus
some combinational logic which generate suitable
phase sequences for half step, wave and normal
full step drive. This 3 bit counter generates a basic
eight-step Gray code master sequence as shown
in fig. 9. To select this sequence, that corresponds
to half step mode, the HALF/FULL input (pin 4)
must be kept high or unconnected.
The full step mode (normal and wave drive) are
both obtained from the eight step master sequence
by skipping alternate states. This is achieved by
forcing the step clock to bypass the first stage of
the 3 bit counter. The least significant bit of this
counter is not affected and therefore the generated
sequence depends on the state of the counter
when full step mode is selected by forcing pin 4
(HALF/FULL) low. If full step is selected when the
counter is at any odd-numbered state, the two-
phase-on (normal mode) is implemented (see fig.
10).
On the contrary, if the full mode is selected when
the counter is at an even-numbered state, the
one-phase-on (wave drive) is implemented (see
fig. 11).
Figure 9: The Eight Step Master Sequence corresponding to Half Step Mode.
GS-D200/GS-D200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com