Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-D200
Description  2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D200 Datasheet(HTML) 1 Page - STMicroelectronics

  GS-D200 Datasheet HTML 1Page - STMicroelectronics GS-D200 Datasheet HTML 2Page - STMicroelectronics GS-D200 Datasheet HTML 3Page - STMicroelectronics GS-D200 Datasheet HTML 4Page - STMicroelectronics GS-D200 Datasheet HTML 5Page - STMicroelectronics GS-D200 Datasheet HTML 6Page - STMicroelectronics GS-D200 Datasheet HTML 7Page - STMicroelectronics GS-D200 Datasheet HTML 8Page - STMicroelectronics GS-D200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
GS-D200
GS-D200S
2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
June 1994
1/17
FEATURES
Wide supply voltage range
Full/Half step drive capability
Logic signals TTL/CMOS compatible
Programmable motor phase current and chopper
frequency
Selectable Slow/Fast current decay
Synchronization for multimotor applications
Remote shut-down
Home position indication
DESCRIPTION
The GS-D200 and the GS-D200S are drive mod-
ules that directly interface a microprocessor to a two
phase, bipolar, permanent magnet stepper motors.
The phase current is chopper controlled, and the
internal phase sequence generation reduces the
burden of the controller and it simplifies software
development.
The GS-D200 uses bipolar power outputs while the
GS-D200S has powermos outputs to significantly
reduce both commutation and conduction losses.
A further benefit offered by the GS-D200S is the
complete protection of the outputs against any type
of shorts.
SELECTION CHART
Type
Ordering
Number
Phase
Current
(A)
Voltage
Drop
(V)
Supply
Voltage
(V)
GS-D200
1.0 nom.
(0.5 to 2.0)
4.1 max.
10 to 46
5.0
±5%
GS-D200S
2.0 nom.
(0.5 to 2.5)
2.5 max.
12 to 40
5.0
±5%


Similar Part No. - GS-D200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-D500A STMICROELECTRONICS-GS-D500A Datasheet
99Kb / 10P
100V/5A STEP AND MICROSTEP DRIVE BOARD FOR STEPPER MOTORS
Jun-1994
GS-DC200 STMICROELECTRONICS-GS-DC200 Datasheet
92Kb / 7P
STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
Jun-1994
GS-DC200S STMICROELECTRONICS-GS-DC200S Datasheet
92Kb / 7P
STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
Jun-1994
GS-DC200SS STMICROELECTRONICS-GS-DC200SS Datasheet
92Kb / 7P
STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
Jun-1994
More results

Similar Description - GS-D200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4729-G INFINEON-TLE4729-G Datasheet
188Kb / 27P
2-Phase Stepper-Motor Driver Bipolar-IC
2001-04-09
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
STEPPER MOTOR DRIVE CIRCUIT
MSE570 ETC2-MSE570_1 Datasheet
109Kb / 5P
Bipolar Stepper Motor Drive Board
logo
STMicroelectronics
SPMD250STP STMICROELECTRONICS-SPMD250STP Datasheet
1,002Kb / 29P
2.5 A bipolar stepper motor drive module
23-Jan-2007
logo
Infineon Technologies A...
TCA3727 INFINEON-TCA3727 Datasheet
615Kb / 29P
2-Phase Stepper-Motor Driver Bipolar IC
Rev. 2.0, 2004-10-01
TLE4729G INFINEON-TLE4729G_08 Datasheet
697Kb / 29P
2-Phase Stepper-Motor Driver Bipolar-IC
V1.2, 2008-03-18
TCA3727G INFINEON-TCA3727G Datasheet
539Kb / 23P
2-phase Stepper Motor Driver Bipolar IC
Rev. 2.2, January 2008
logo
Monolithic Power System...
EV6501AGF-00B MPS-EV6501AGF-00B Datasheet
504Kb / 10P
2.5A, 35V Bipolar Stepper Motor Driver Evaluation Kit
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6601 MPS-MP6601 Datasheet
414Kb / 14P
35V, 2.5A, Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com