Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D200 Datasheet(PDF) 6 Page - STMicroelectronics

Part # GS-D200
Description  2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D200 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button GS-D200 Datasheet HTML 2Page - STMicroelectronics GS-D200 Datasheet HTML 3Page - STMicroelectronics GS-D200 Datasheet HTML 4Page - STMicroelectronics GS-D200 Datasheet HTML 5Page - STMicroelectronics GS-D200 Datasheet HTML 6Page - STMicroelectronics GS-D200 Datasheet HTML 7Page - STMicroelectronics GS-D200 Datasheet HTML 8Page - STMicroelectronics GS-D200 Datasheet HTML 9Page - STMicroelectronics GS-D200 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/17
BIPOLAR STEPPER MOTOR BASICS
Simplified to the bare essentials, a bipolar perma-
nent magnet motor consists of a rotating-perma-
nent magnet surrounded by stator poles carrying
the windings (fig. 5).
Figure 5: Simplified Bipolar Two Phase Motor
Bidirectional drive current is imposed on windings
A-B and C-D and the motor is stepped by commu-
tating the voltage applied to the windings in se-
quence. For a motor of this type there are three
possible drive sequences.
Figure 6: One-Phase-on (Wave Mode) Drive
One-Phase-on or Wave Drive
Only one winding is energized at any given time
according to the sequence :
AB - CD - BA - DC
(BA means that the current is flowing from B to A).
Fig. 6 shows the sequence for a clockwise rotation
and the corresponding rotor position.
Two-Phase-on or Normal Drive
This mode gives the highest torque since two wind-
ings are energized at any given time according to
the sequence (for clockwise rotation).
AB & CD ; CD & BA ; BA & DC ; DC & AB
Fig. 7 shows the sequence and the corresponding
position of the rotor.
Half Step Drive
This sequence halves the effective step angle of
the motor but gives a less regular torque being one
winding or two windings alternatively energized.
Eight steps are required for a complete revolution
of the rotor.
The sequence is:
AB ; AB & CD ; CD ; CD & BA ; BA ; BA & DC ;
DC ; DC & AB
as shown in fig. 8.
By the configurations of fig. 6, 7, 8 the motor would
have a step angle of 90
° (or 45 ° in half step). Real
motors have multiple poles pairs to reduce the step
angle to a few degrees but the number of windings
(two) and the drive sequence are unchanged.
GS-D200/GS-D200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com