Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D200 Datasheet(PDF) 5 Page - STMicroelectronics

Part # GS-D200
Description  2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D200 Datasheet(HTML) 5 Page - STMicroelectronics

  GS-D200 Datasheet HTML 1Page - STMicroelectronics GS-D200 Datasheet HTML 2Page - STMicroelectronics GS-D200 Datasheet HTML 3Page - STMicroelectronics GS-D200 Datasheet HTML 4Page - STMicroelectronics GS-D200 Datasheet HTML 5Page - STMicroelectronics GS-D200 Datasheet HTML 6Page - STMicroelectronics GS-D200 Datasheet HTML 7Page - STMicroelectronics GS-D200 Datasheet HTML 8Page - STMicroelectronics GS-D200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
PIN DESCRIPTION
Pin
Function
Description
1
GND1
Return path for the logic signals and 5V supply.
2
Sync
Chopper oscillator output.
Several modules can be synchronized by connecting together all Sync pins. This pin can
be used as the input for an external clock source.
3
Reset
Asynchronous reset input. An active low pulse on this input preset the internal logic to the
initial state (ABCD=0101).
4
Half/Full
Half/Full step selection input.
When high or unconnected the half step operation is selected.
5
Home
When high, this output indicates that the internal counter is in its initial state (ABCD=0101).
This signal may be used in conjunction with a mechanical switch to ground or with open
collector output of an optical detector to be used as a system home detector.
6
Stepclk
The motor is moved one step on the rising edge of this signal.
7
CW/CCW
Direction control input. When high or unconnected clockwise rotation is selected. Physical
direction of motor rotation depends also on windings connection.
8
Oscillator
The chopper oscillator timing, internally fixed at 17kHz, can be modified by connecting a
resistor between this pin and Vss or a capacitor between this pin and Gnd1.
The oscillator input must be grounded when the unit is externally synchronized.
9
Ioset
Phase current setting input. A resistor connected between this pin and Gnd1 or Vss,
allows the factory setted phase current value (1A for GS-D200 and 2A for GS-D200S) to
be changed.
10
Control
Logic input that allows the phase current decay mode selection. When high or
unconnected the slow decay is selected.
11
Enable
Module enable input. When low this input floats the outputs enabling the manual
positioning of the motor. Must be LOW during power-up and down sequence, HIGH during
normal operation.
12
Vss
5V supply input. Maximum voltage must not exceed 7V.
13
GND2
Return path for the power section.
14
D
D output.
15
C
C output.
16
B
B output.
17
A
A output.
18
Vs
Module and motor supply voltage.
Maximum voltage must not exceed the specified values.
GS-D200/GS-D200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com