Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D200 Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS-D200
Description  2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D200 Datasheet(HTML) 2 Page - STMicroelectronics

  GS-D200 Datasheet HTML 1Page - STMicroelectronics GS-D200 Datasheet HTML 2Page - STMicroelectronics GS-D200 Datasheet HTML 3Page - STMicroelectronics GS-D200 Datasheet HTML 4Page - STMicroelectronics GS-D200 Datasheet HTML 5Page - STMicroelectronics GS-D200 Datasheet HTML 6Page - STMicroelectronics GS-D200 Datasheet HTML 7Page - STMicroelectronics GS-D200 Datasheet HTML 8Page - STMicroelectronics GS-D200 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
DC Supply Voltage (pin 18)
GS-D200
GS-D200S
48
42
V
V
Vss
DC Logic Supply Voltage (pin 12)
7V
Tstg
Storage Temperature Range
– 40 to +105
°C
Tcop
Operating Case Temperature Range
– 20 to +85
°C
ELECTRICAL CHARACTERISTICS (TA =25
°C and VS=24V unless otherwise specified)
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
Is
Quiescent Supply Current
Pin 18
20
mA
Iss
Quiescent Logic Supply Current
Pin 12 Vss=5V
60
mA
Vi
Input Voltage
Pin
3,4,6,7,10,11
Low
High
2
0.8
Vss
V
V
Ii
Input Current
Pin
3,4,6,7,10,11
Vi=Low
Vi=High
0.6
10
mA
µA
Vsat
Source/Sink Saturation Voltage(GS-D200)
Pin
14,15,16,17
Io=1A
1.8
V
Vsat
Source/Sink Saturation Voltage(GS-D200S)
Pin
14,15,16,17
Io=2A
1.8
V
IoL
Current Limit Intervention
GS-D200S
5A
fc
Chopper Frequency
17
kHz
tclk
Stepckl Width
Pin 6 (See fig. 1)
0.5
µs
ts
Set Up Time
”1
µs
th
Hold Time
”1
µs
tr
Reset Width
”1
µs
trclk
Reset to Clock Set Up Time
”1
µs
Figure 1: Signals Timing
GS-D200/GS-D200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com