Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D500A Datasheet(PDF) 7 Page - STMicroelectronics

Part # GS-D500A
Description  100V/5A STEP AND MICROSTEP DRIVE BOARD FOR STEPPER MOTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D500A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GS-D500A Datasheet HTML 2Page - STMicroelectronics GS-D500A Datasheet HTML 3Page - STMicroelectronics GS-D500A Datasheet HTML 4Page - STMicroelectronics GS-D500A Datasheet HTML 5Page - STMicroelectronics GS-D500A Datasheet HTML 6Page - STMicroelectronics GS-D500A Datasheet HTML 7Page - STMicroelectronics GS-D500A Datasheet HTML 8Page - STMicroelectronics GS-D500A Datasheet HTML 9Page - STMicroelectronics GS-D500A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
A1 - SUPPLY VOLTAGE
THE POWER SUPPLY MUST BE TURNED OFF WHEN
PLUGGING OR UNPLUGGING THE BOARD
The supply pins are:
J2-1 for Motor Supply Voltage
J2-3 for Auxiliary Voltage
J2-2,4 for Ground rail
The other supply voltages needed by the boards
are internally generated.
If an undervoltage condition is detected (Vs < 10V)
the GS-D500A is automatically disabled and a led
is activated.
The Motor Supply voltage is in the range from 12 to
100V, the Auxiliary voltage from 11 to 13V.
At power-on the Auxiliary Supply voltage must
be applied before the Motor Supply voltage,
while at power-off the Motor Supply voltage
must be removed before the Auxiliary voltage.
A2 - FULL-STEP/HALF-STEP/MICROSTEP PRO-
GRAMMING BY HARDWARE
The number of microsteps per step is field program-
mable. The digitized sine and cosine functions,
required by a microstepping control, are stored in a
Lock-Up-Table inside the GS-D500A.
Two options are provided for the proper mi-
crosteps/step rate selection.
Three switches (SW1, SW2, SW3) are available on
the front edge of the board.
The full-step/half-step/microstep mode is defined
by the following table.
SW1
SW2
SW3
MODE
OFF
ON
OFF
Half step
ON
ON
OFF
125 microsteps/step
ON
OFF
ON
25 microsteps/step
OFF
ON
ON
5 microsteps/step
ON
ON
ON
Full step
The switches are in OFF condition when the knob
is pulled versus the board edge. Invalid combina-
tions disable the board.
A2.1 - MICROSTEP PROGRAMMING BY HOST
COMPUTER
The microsteps/step rate can also be remotely
changed by using the three logic inputs available
on the J3 connecto r (pins 4,12 and 15) that cor-
responds, respectively, to SW1, SW2, SW3.
The interactionbetween logic signals and hardware
switches is shown in fig. 4.
Figure 7. Remote microstepping programming
To operate the logic pins of the J3 connector, the
three internal switches must be in the OFF state.
A3 - CURRENT REDUCTION AT REST
Phase current can be reduced when the motor is
stopped if SW6 is open.
Current reduction is operative about 1 second after
the last clock pulse.
GS-D500A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com