Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D500A Datasheet(PDF) 8 Page - STMicroelectronics

Part # GS-D500A
Description  100V/5A STEP AND MICROSTEP DRIVE BOARD FOR STEPPER MOTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D500A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button GS-D500A Datasheet HTML 2Page - STMicroelectronics GS-D500A Datasheet HTML 3Page - STMicroelectronics GS-D500A Datasheet HTML 4Page - STMicroelectronics GS-D500A Datasheet HTML 5Page - STMicroelectronics GS-D500A Datasheet HTML 6Page - STMicroelectronics GS-D500A Datasheet HTML 7Page - STMicroelectronics GS-D500A Datasheet HTML 8Page - STMicroelectronics GS-D500A Datasheet HTML 9Page - STMicroelectronics GS-D500A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
A4 - SETTING OF THE DIRECTION POLARITY
The rotation direction signal must be applied at pin
J3-3.
The direction (CW or CCW) depends on the status
of the direction signal as shown in the following
table:
DIR. SIGNAL
ROTATION
HIGH
CCW
LOW
CW
A5 - PHASE CURRENT PROGRAMMING
The phase current can be programmed by means
two on-board trimmer called R42 and R43 (see
mechanical drawing).
R42 programs the current in phase AB, while R43
programs the current in phase CD.
A6 - MIDRANGE STABILITY
A particular circuitry is implemented on the board to
avoid midrange oscillations.
This circuit is inserted on the current control loop
when SW5 is OFF.
A 7
-
C UR RE NT
SEL EC TI ON
I N
MI-
CROSTEP/CONSTANT CURRENT SWITCHING
(SW4)
When the board is used to drive a motor in mi-
crostep mode, an automatic switching from sinusoi-
dal/cosinusoidal current to consta nt current is
performed when the sinusoidal output wave-
form excee ds 500Hz. The constant output cur-
rent can be chosen to be 0.707 of the peak
current or the peak current: this possibility is
givenby SW4. (Seefig. 8).
SW4 OFF
0.707 x Ipeak
SW4 ON
Ipeak
Figure 8. Current selection by SW4
An histeresys is inserted on the 500Hz threshold to
avoid unwanted oscillations.
GS-D500A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com