Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D500A Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-D500A
Description  100V/5A STEP AND MICROSTEP DRIVE BOARD FOR STEPPER MOTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D500A Datasheet(HTML) 1 Page - STMicroelectronics

  GS-D500A Datasheet HTML 1Page - STMicroelectronics GS-D500A Datasheet HTML 2Page - STMicroelectronics GS-D500A Datasheet HTML 3Page - STMicroelectronics GS-D500A Datasheet HTML 4Page - STMicroelectronics GS-D500A Datasheet HTML 5Page - STMicroelectronics GS-D500A Datasheet HTML 6Page - STMicroelectronics GS-D500A Datasheet HTML 7Page - STMicroelectronics GS-D500A Datasheet HTML 8Page - STMicroelectronics GS-D500A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GS-D500A
100V/5A STEP AND MICROSTEP DRIVE BOARD
FOR STEPPER MOTORS
June 1994
1/10
FEATURES
100V Operating Supply Voltage
5A/phase peak current
5, 25, 125 microsteps/step
Full step and half step operation
User selectable phase current
90
° out of phase chopping to save power con-
sumption
Galvanic isolation
Full output protection against short-circuits
Thermal and undervoltage protection
Step clock in excess of 200kHz
Fault indication output
Special circuit to reduce midrange instability
DESCRIPTION
The GS-D500A is a member of the SGS-THOM-
SON family of stepper motor driver modules and
boards. It drives motors in full step, half step and
microstep mode.
On top of that if offers an unusua lly large number
of features that allow a complete control of the
electromechanical characteristics of the motion
system to obtain optimum performance.
The powermos output stages offer both low con-
duction and commutation losses for increased effi-
ciency; this, combined with a complete protection
scheme, results in an extremely rugged unit suit-
able for harsh environment operation.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
DC Supply Voltage
110
V
Vss
DC Logic Supply Voltage
13
V
lph
Output Current per Bridge
6Apk
li
Logic Input Current
30
mA
Vis
Isolation Voltage
500
V
Tstg
Storage Temperature Range
– 20 to +85
°C
Thop
Operating Heatsink Temperature
+85
°C
Note: Absolute maximum ratings are limit values above which the unit can be permanently damaged
* Thermal protection intervention @ Th > 90
°C


Similar Part No. - GS-D500A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-D200 STMICROELECTRONICS-GS-D200 Datasheet
183Kb / 17P
2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
Jun-1994
GS-D200S STMICROELECTRONICS-GS-D200S Datasheet
183Kb / 17P
2/2.5A BIPOLAR STEPPER MOTOR DRIVE MODULES
Jun-1994
GS-DC200 STMICROELECTRONICS-GS-DC200 Datasheet
92Kb / 7P
STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
Jun-1994
GS-DC200S STMICROELECTRONICS-GS-DC200S Datasheet
92Kb / 7P
STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
Jun-1994
GS-DC200SS STMICROELECTRONICS-GS-DC200SS Datasheet
92Kb / 7P
STEPPER MOTOR CONTROL AND DRIVE SYSTEM FAMILY
Jun-1994
More results

Similar Description - GS-D500A

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
MODULES FOR STEPPER MOTORS
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
MODULE FOR STEPPER MOTORS
TMCM-1141 TRINAMIC-TMCM-1141 Datasheet
1,008Kb / 28P
MODULES FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
MODULE FOR STEPPER MOTORS
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
MODULE FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
MODULES FOR STEPPER MOTORS
TMCM-6110 TRINAMIC-TMCM-6110 Datasheet
1Mb / 27P
MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
Module for Stepper Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com