Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D500A Datasheet(PDF) 6 Page - STMicroelectronics

Part # GS-D500A
Description  100V/5A STEP AND MICROSTEP DRIVE BOARD FOR STEPPER MOTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D500A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button GS-D500A Datasheet HTML 2Page - STMicroelectronics GS-D500A Datasheet HTML 3Page - STMicroelectronics GS-D500A Datasheet HTML 4Page - STMicroelectronics GS-D500A Datasheet HTML 5Page - STMicroelectronics GS-D500A Datasheet HTML 6Page - STMicroelectronics GS-D500A Datasheet HTML 7Page - STMicroelectronics GS-D500A Datasheet HTML 8Page - STMicroelectronics GS-D500A Datasheet HTML 9Page - STMicroelectronics GS-D500A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
Figure 5. Zero current input circuit
Figure 6. Disable input circuit
A - GS-D500A DESCRIPTION
The GS-D500A is a complete subsystem to drive
stepper motors either in full step or microstep mode.
A very large number of auxiliary functions has been
included to allow extreme simplicity and flexibility in
use.
Particular care has been devoted to protections, so
that the GS-D500A can be safely used in very harsh
environments.
In addition to the obvious function to drive the motor
phases in a chopping mode, the following functions
have been implemented:
-
Sine/cosine generation
-
Selection of three different microsteps/step rates
-
Selection of full/half step drive
-
Programming of peak phasecurrent to optimize
the torque
-
Automatic phase current reduction at rest (se-
lectable)
-
Full protection against short-circuit between
phase-to-phase and phase-to-ground
-
Thermal and undervoltage protection
-
Galvanic isolation of 3 input signals (clock,
direction, zero current).
-
Fault indication output
-
On board auxiliary voltages generation
-
Midrange stability circuitry (selectable)
As a result, the GS-D500A can provide up to 5A per
phase and, in its simplest application, just three
command signals are required: step clock, direc-
tion, disable.
GS-D500A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com