Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS-D500A Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS-D500A
Description  100V/5A STEP AND MICROSTEP DRIVE BOARD FOR STEPPER MOTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-D500A Datasheet(HTML) 2 Page - STMicroelectronics

  GS-D500A Datasheet HTML 1Page - STMicroelectronics GS-D500A Datasheet HTML 2Page - STMicroelectronics GS-D500A Datasheet HTML 3Page - STMicroelectronics GS-D500A Datasheet HTML 4Page - STMicroelectronics GS-D500A Datasheet HTML 5Page - STMicroelectronics GS-D500A Datasheet HTML 6Page - STMicroelectronics GS-D500A Datasheet HTML 7Page - STMicroelectronics GS-D500A Datasheet HTML 8Page - STMicroelectronics GS-D500A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C and Vs = 24V unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vs
DC Supply Voltage
12
100
V
Vss
DC Logic Supply Voltage
11.5
12
12.5
V
Iph
Phase Current per Output*
0.5
5
A
li
Logic Input Current
10
mA
Vsl
On board Logic
Supply Output
4.75
5
5.25
V
Iosl
On board Logic
Supply Current Output
100
mA
fc
Clock Pulse Frequency
200
kHz
* Output Shorts Protection phase-to-phase, phase-to-ground.
Note: the unit requires an input filtering capacitor in the range of 4700 to 10000
µF/100V, with low ESR and located as close as possible to the
board.
2/10
Figure 1. Signals timing
GS-D500A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com