Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8402AYILF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS8402AYILF
Description  350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8402AYILF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS8402AYILF Datasheet HTML 1Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 2Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 3Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 4Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 5Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 6Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 7Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 8Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVCMOS/LVTTL FREQUENCY SYNTHESIZER
2
ICS8402AYI REV. A OCTOBER 16, 2007
Functional Description
NOTE: The functional description that follows describes operation
using a 25MHz crystal. Valid PLL loop divider values for different
crystal or input frequencies are defined in the Input Frequency
Characteristics, Table 5, NOTE 1.
The ICS8402I features a fully integrated PLL and therefore
requires no external components for setting the loop bandwidth. A
fundamental crystal is used as the input to the on-chip oscillator.
The output of the oscillator is fed into the phase detector. A 25MHz
crystal provides a 25MHz phase detector reference frequency. The
VCO of the PLL operates over a range of 250MHz to 700MHz. The
output of the M divider is also applied to the phase detector.
The phase detector and the M divider force the VCO output
frequency to be M times the reference frequency by adjusting the
VCO control voltage. Note that for some values of M (either too
high or too low), the PLL will not achieve lock. The output of the
VCO is scaled by a divider prior to being sent to each of the
LVCMOS output buffers. The divider provides a 50% output duty
cycle.
The programmable features of the ICS8402I support two input
modes to program the M divider and N output divider. The two input
operational modes are parallel and serial. Figure 1 shows the
timing diagram for each mode. In parallel mode, the nP_LOAD
input is initially LOW. The data on inputs M0 through M8 and N0
and N1 is passed directly to the M divider and N output divider. On
the LOW-to-HIGH transition of the nP_LOAD input, the data is
latched and the M divider remains loaded until the next LOW
transition on nP_LOAD or until a serial event occurs. As a result,
the M and N bits can be hardwired to set the M divider and N output
divider to a specific default state that will automatically occur
during power-up. The TEST output is LOW when operating in the
parallel input mode. The relationship between the VCO frequency,
the crystal frequency and the M divider is defined as follows:
fVCO = fXTAL x M
The M value and the required values of M0 through M8 are shown
in Table 3B, Programmable VCO Frequency Function Table. Valid
M values for which the PLL will achieve lock for a 25MHz reference
are defined as 10
≤ M ≤ 28. The frequency out is defined as follows:
fout = fVCO = fXTAL x M
NN
Serial operation occurs when nP_LOAD is HIGH and S_LOAD is
LOW. The shift register is loaded by sampling the S_DATA bits with
the rising edge of S_CLOCK. The contents of the shift register are
loaded into the M divider and N output divider when S_LOAD
transitions from LOW-to-HIGH. The M divide and N output divide
values are latched on the HIGH-to-LOW transition of S_LOAD. If
S_LOAD is held HIGH, data at the S_DATA input is passed directly
to the M divider and N output divider on each rising edge of
S_CLOCK. The serial mode can be used to program the M and N
bits and test bits T1 and T0. The internal registers T0 and T1
determine the state of the TEST output as follows:
T1
T0
TEST Output
00
LOW
0
1
Shift Register Output
1
0
Output of M Divider
1
1
CMOS fOUT
Time
SERIAL LOADING
PARALLEL LOADING
t
S
t
H
t
S
t
H
t
S
M, N
S_CLOCK
S_DATA
S_LOAD
nP_LOAD
nP_LOAD
M0:M8, N0:N1
T1
T0
N1
N0
M0
M1
M2
M3
M4
M5
*Null
M6
M7
M8
*NOTE: The NULL timing slot must be observed.
Figure 1. Parallel & Serial Load Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com