Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8402AYILF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS8402AYILF
Description  350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8402AYILF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS8402AYILF Datasheet HTML 3Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 4Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 5Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 6Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 7Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 8Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 9Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 10Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVCMOS/LVTTL FREQUENCY SYNTHESIZER
7
ICS8402AYI REV. A OCTOBER 16, 2007
Table 4B. LVCMOS/LVTTL DC Characteristics, TA = -40°C to 85°C
NOTE 1: Outputs terminated with 50
Ω to V
DDO/2. See Parameter Measurement Information section. Load Test Circuit diagrams.
Table 5. Input Frequency Characteristics, TA = -40°C to 85°C
NOTE 1: For the input crystal and TEST_CLK frequency range, the M value must be set for the VCO to operate within the 250MHz to
700MHz range. Using the minimum input frequency of 12MHz, valid values of M are 21
≤ M ≤ 58. Using the maximum input frequency of
40MHz, valid values of M are 7
≤ M ≤ 17.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input
Low Voltage
OE0, OE1, MR,
M0:M8, N0, N1,
S_CLOCK, S_DATA,
S_LOAD, nP_LOAD,
VCO_SEL, XTAL_SEL
-0.3
0.8
V
TEST_CLOCK
-0.3
1.3
V
IIH
Input
High Current
TEST_CLOCK, MR,
M0:M4, M6:M8, N0, N1,
S_CLOCK, S_DATA,
S_LOAD, nP_LOAD
VDD = VIN = 3.465V
150
µA
M5, XTAL_SEL,
VCO_SEL, OE0, OE1
VDD = VIN = 3.465V
5
µA
IIL
Input
Low Current
TEST_CLOCK, MR,
M0:M4, M6:M8, N0, N1,
S_CLOCK, S_DATA,
S_LOAD, nP_LOAD
VDD = 3.465V, VIN = 0V
-5
µA
M5, XTAL_SEL,
VCO_SEL, OE0, OE1
VDD = 3.465V, VIN = 0V
-150
µA
VOH
Output
High Voltage
TEST; NOTE 1
VDDO = 3.465V
2.6
V
VDDO = 2.625V
1.8
V
VOL
Output
Low Voltage
TEST; NOTE 1
VDDO = 3.465 or 2.625V
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fIN
Input
Frequency
TEST_CLK; NOTE 1
12
40
MHz
XTAL_IN, XTAL_OUT; NOTE 1
12
40
MHz
S_CLOCK
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com