Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8402AYILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS8402AYILF
Description  350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8402AYILF Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS8402AYILF Datasheet HTML 1Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 2Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 3Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 4Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 5Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 6Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 7Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 8Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVCMOS/LVTTL FREQUENCY SYNTHESIZER
4
ICS8402AYI REV. A OCTOBER 16, 2007
Table 2. Pin Characteristics
Function Tables
Table 3A. Parallel and Serial Mode Function Table
NOTE:
L = LOW
H = HIGH
X = Don’t care
↑ = Rising edge transition
↓ = Falling edge transition
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
CPD
Power Dissipation Capacitance
(per output)
VDD, VDDO = 3.465V
13
pF
VDD = 3.465V, VDDO = 2.625V
11
pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN Input Pulldown Resistor
51
k
Ω
ROUT
Output Impedance
VDDO = 3.465V
5
7
12
Ω
VDDO = 2.625V
7
Ω
Inputs
Conditions
MR
nP_LOAD
M
N
S_LOAD
S_CLOCK
S_DATA
H
X
X
X
X
X
X
Reset. Forces outputs LOW.
L
L
Data
Data
X
X
X
Data on M and N inputs passed directly to the M divider
and N output divider. TEST output forced LOW.
L
↑
Data
Data
L
X
X
Data is latched into input registers and remains loaded
until next LOW transition or until a serial event occurs.
LH
X
X
L
↑
Data
Serial input mode. Shift register is loaded with data on
S_DATA on each rising edge of S_CLOCK.
LH
X
X
↑
LData
Contents of the shift register are passed to the
M divider and N output divider.
LH
X
X
↓
L
Data
M divider and N output divider values are latched.
L
H
X
X
L
X
X
Parallel or serial input do not affect shift registers.
LH
X
X
H
↑
Data
S_DATA passed directly to M divider as it is clocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com