Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8402AYILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8402AYILF
Description  350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8402AYILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8402AYILF Datasheet HTML 6Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 7Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 8Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 9Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 10Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 11Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 12Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 13Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVCMOS/LVTTL FREQUENCY SYNTHESIZER
10
ICS8402AYI REV. A OCTOBER 16, 2007
Parameter Measurement Information
3.3/3.3V LVPECL Output Load AC Test Circuit
Output Skew
Cycle-to-Cycle Jitter
3.3V/2.5V LVPECL Output Load AC Test Circuit
Period Jitter
Output Duty Cycle/Pulse Width/Period
SCOPE
Qx
LVCMOS
GND
VDD,
1.65V±5%
-1.65V±5%
VDDA,
VDDO
tsk(o)
Qx
Qy
➤
➤
V
DDO
2
V
DDO
2
V
DDO
2
tcycle n
tcycle n+1
tjit(cc) = tcycle n – tcycle n+1
1000 Cycles
Q0, Q1
SCOPE
Qx
LVCMOS
V
DDO
2
GND
2.05V±5%
-1.25V±5%
VCC,
VCCO
1.25V±5%
VCCA
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q0, Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com