Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8402AYILF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8402AYILF
Description  350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8402AYILF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8402AYILF Datasheet HTML 7Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 8Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 9Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 10Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 11Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 12Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 13Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 14Page - Integrated Device Technology ICS8402AYILF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
IDT™ / ICS™ LVCMOS/LVTTL FREQUENCY SYNTHESIZER
11
ICS8402AYI REV. A OCTOBER 16, 2007
Parameter Measurement Information, continued
Output Rise/Fall Time
Application Information
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. The ICS8402I provides separate
power supplies to isolate any high switching noise from the outputs
to the internal PLL. VDD, VDDA and VDDO should be individually
connected to the power supply plane through vias, and bypass
capacitors should be used for each pin. To achieve optimum jitter
performance, power supply isolation is required. Figure 2
illustrates how a 10
Ω resistor along with a 10µF and a 0.01µF
bypass capacitor should be connected to each VDDA pin.
Figure 2. Power Supply Filtering
Clock
Outputs
20%
80%
80%
20%
tR
t F
VDD
VDDA
3.3V
10
Ω
10µF
.01µF
.01µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com