Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853014 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS853014
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853014 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS853014 Datasheet HTML 1Page - Integrated Device Technology ICS853014 Datasheet HTML 2Page - Integrated Device Technology ICS853014 Datasheet HTML 3Page - Integrated Device Technology ICS853014 Datasheet HTML 4Page - Integrated Device Technology ICS853014 Datasheet HTML 5Page - Integrated Device Technology ICS853014 Datasheet HTML 6Page - Integrated Device Technology ICS853014 Datasheet HTML 7Page - Integrated Device Technology ICS853014 Datasheet HTML 8Page - Integrated Device Technology ICS853014 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ICS853014
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
IDT™ / ICS™ 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
2
ICS853014BG REV. DNOVEMBER 12, 2007
Table 1. Pin Descriptions
NOTE: Pullup refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 2
Q0, Q0
Output
Differential output pair. LVPECL/ECL interface levels.
3, 4
Q1, Q1
Output
Differential output pair. LVPECL/ECL interface levels.
5, 6
Q2, Q2
Output
Differential output pair. LVPECL/ECL interface levels.
7, 8
Q3, Q3
Output
Differential output pair. LVPECL/ECL interface levels.
9, 10
Q4, Q4
Output
Differential output pair. LVPECL/ECL interface levels.
11
VEE
Power
Negative supply pin.
12
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects PCLK1/PCLK1 inputs. When LOW,
selects PCLK0/PCLK0 inputs. LVTTL / LVCMOS interface levels.
13
PCLK0
Input
Pulldown
Non-inverting differential LVPECL clock input.
14
PCLK0
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
15
VBB
Output
Bias voltage.
16
PCLK1
Input
Pulldown
Non-inverting differential LVPECL clock input.
17
PCLK1
Input
Pullup/
Pulldown
Inverting differential LVPECL clock input. VCC/2 default when left floating.
18, 20
VCC
Power
Positive supply pins.
19
EN
Input
Pulldown
Synchronizing clock enable. When LOW, clock outputs follow clock input.
When HIGH, Qx outputs are forced low, Qx outputs are forced high.
LVTTL/LVCMOS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RPULLDOWN
Input Pulldown Resistor
75
k
Ω
RVCC/2
Pullup/Pulldown Resistors
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com