Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853014 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS853014
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853014 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS853014 Datasheet HTML 1Page - Integrated Device Technology ICS853014 Datasheet HTML 2Page - Integrated Device Technology ICS853014 Datasheet HTML 3Page - Integrated Device Technology ICS853014 Datasheet HTML 4Page - Integrated Device Technology ICS853014 Datasheet HTML 5Page - Integrated Device Technology ICS853014 Datasheet HTML 6Page - Integrated Device Technology ICS853014 Datasheet HTML 7Page - Integrated Device Technology ICS853014 Datasheet HTML 8Page - Integrated Device Technology ICS853014 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ICS853014
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
IDT™ / ICS™ 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
3
ICS853014BG REV. DNOVEMBER 12, 2007
Function Tables
Table 3A. Control Input Function Table
After EN switches, the clock outputs are disabled or enabled following a falling input clock edge as shown in Figure 1.
In the active mode, the state of the outputs are a function of the PCLK0/PCLK0 and PCLK1/PCLK1 inputs as described in Table 3B.
Figure 1. EN Timing Diagram
Table 3B. Clock Input Function Table
Inputs
Outputs
EN
CLK_SEL
Selected Source
Q0:Q4
Q0:Q4
1
0
PCLK0, PCLK0
Disabled; Low
Disabled; High
1
1
PCLK1, PCLK1
Disabled; Low
Disabled; High
0
0
PCLK2, PCLK2
Enabled
Enabled
0
1
PCLK3, PCLK3
Enabled
Enabled
Inputs
Outputs
Input to Output Mode
Polarity
PCLK0 or PCLK1
PCLK0 or PCLK1
Q0:Q4
Q0:Q4
0
1
LOW
HIGH
Differential to Differential
Non-Inverting
1
0
HIGH
LOW
Differential to Differential
Non-Inverting
0
Biased; NOTE 1
LOW
HIGH
Single-Ended to Differential
Non-Inverting
1
Biased; NOTE 1
HIGH
LOW
Single-Ended to Differential
Non-Inverting
Biased; NOTE 1
0
HIGH
LOW
Single-Ended to Differential
Inverting
Biased; NOTE 1
1
LOW
HIGH
Single-Ended to Differential
Inverting
Enabled
Disabled
PCLK0, PCLK1
EN
Q0:Q4
Q0:Q4
PCLK0, PCLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com