Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853014 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS853014
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853014 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS853014 Datasheet HTML 8Page - Integrated Device Technology ICS853014 Datasheet HTML 9Page - Integrated Device Technology ICS853014 Datasheet HTML 10Page - Integrated Device Technology ICS853014 Datasheet HTML 11Page - Integrated Device Technology ICS853014 Datasheet HTML 12Page - Integrated Device Technology ICS853014 Datasheet HTML 13Page - Integrated Device Technology ICS853014 Datasheet HTML 14Page - Integrated Device Technology ICS853014 Datasheet HTML 15Page - Integrated Device Technology ICS853014 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ICS853014
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
IDT™ / ICS™ 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
12
ICS853014BG REV. DNOVEMBER 12, 2007
Termination for 2.5V LVPECL Outputs
Figure 5A and Figure 5B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating
50
Ω to V
CC – 2V. For VCC = 2.5V, the VCC – 2V is very close to
ground level. The R3 in Figure 5B can be eliminated and the
termination is shown in Figure 5C.
Figure 5A. 2.5V LVPECL Driver Termination Example
Figure 5C. 2.5V LVPECL Driver Termination Example
Figure 5B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCC = 2.5V
2.5V
2.5V
50
Ω
50
Ω
R1
250
R3
250
R2
62.5
R4
62.5
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
Ω
50
Ω
R1
50
R2
50
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
Ω
50
Ω
R1
50
R2
50
R3
18
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com