Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853014 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS853014
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853014 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS853014 Datasheet HTML 1Page - Integrated Device Technology ICS853014 Datasheet HTML 2Page - Integrated Device Technology ICS853014 Datasheet HTML 3Page - Integrated Device Technology ICS853014 Datasheet HTML 4Page - Integrated Device Technology ICS853014 Datasheet HTML 5Page - Integrated Device Technology ICS853014 Datasheet HTML 6Page - Integrated Device Technology ICS853014 Datasheet HTML 7Page - Integrated Device Technology ICS853014 Datasheet HTML 8Page - Integrated Device Technology ICS853014 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-
2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853014
IDT™ / ICS™ 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
1
ICS853014BG REV. DNOVEMBER 12, 2007
General Description
The ICS853014 is a low skew, high performance
1-to-5, 2.5V/3.3V Differential-to-LVPECL/ECL
Fanout Buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions from
IDT. The ICS853014 has two selectable clock
inputs.
Guaranteed output and part-to-part skew characteristics make the
ICS853014 ideal for those applications demanding well defined
performance and repeatability.
Features
• Five differential LVPECL/ECL outputs
• Two selectable differential LVPECL clock inputs
• PCLKx, PCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: > 2GHz
• Output skew: 13ps (typical)
• Part-to-part skew: 60ps (typical)
• Propagation delay: 460ps (typical)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.8V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
ICS853014
20-Lead TSSOP
6.5mm x 4.4mm x 0.925
mm
package body
G Package
Top View
Pin Assignment
Block Diagram
Q0
Q0
Q1
Q1
EN
CLK_SEL
PCLK0
PCLK0
D
LE
Q
0
1
Pulldown
Pulldown
Pullup/Pulldown
Pulldown
VBB
Q2
Q2
Q3
Q3
PCLK1
PCLK1
Pulldown
Pullup/Pulldown
Q4
Q4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q4
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
Q4
VCC
EN
VCC
PCLK1
PCLK1
VBB
PCLK0
PCLK0
CLK_SEL
VEE


Similar Part No. - ICS853014

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS853014BG ICST-ICS853014BG Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS853014BGLF ICST-ICS853014BGLF Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS853014BGLFT ICST-ICS853014BGLFT Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS853014BGT ICST-ICS853014BGT Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
More results

Similar Description - ICS853014

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS85310I-21 ICST-ICS85310I-21 Datasheet
188Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. D JUNE 30, 2005
ICS85310I-31 ICST-ICS85310I-31 Datasheet
204Kb / 16P
LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
REV. D JULY 6, 2005
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
ICS853210 ICST-ICS853210 Datasheet
275Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A NOVEMBER 12, 2003
logo
Renesas Technology Corp
85310I-21 RENESAS-85310I-21 Datasheet
290Kb / 17P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
June 24, 2016
85310I-31 RENESAS-85310I-31 Datasheet
233Kb / 17P
Low Skew, Dual, 1-to-5, 2.5V/3.3V Differential-to-ECL/LVPECL Fanout Buffer
REVISION E 11/9/15
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
ICS853S014I RENESAS-ICS853S014I Datasheet
445Kb / 21P
Low Skew, 1-to-5, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
MAY 23, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com