Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853014 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS853014
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853014 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS853014 Datasheet HTML 2Page - Integrated Device Technology ICS853014 Datasheet HTML 3Page - Integrated Device Technology ICS853014 Datasheet HTML 4Page - Integrated Device Technology ICS853014 Datasheet HTML 5Page - Integrated Device Technology ICS853014 Datasheet HTML 6Page - Integrated Device Technology ICS853014 Datasheet HTML 7Page - Integrated Device Technology ICS853014 Datasheet HTML 8Page - Integrated Device Technology ICS853014 Datasheet HTML 9Page - Integrated Device Technology ICS853014 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ICS853014
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
IDT™ / ICS™ 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
6
ICS853014BG REV. DNOVEMBER 12, 2007
Table 4D. ECL DC Characteristics, VCC = 0V; VEE = -3.8V to -2.375V, TA = -40°C to 85°C
Input and output parameters vary 1:1 with VCC. VEE can vary +0.925V to -0.5V.
NOTE 1: Outputs terminated with 50
Ω to V
CC – 2V.
NOTE 2: Single-ended input operation is limited. VCC ≥ 3V in LVPECL mode.
NOTE 3: Common mode voltage is defined as VIH.
NOTE 4: For single-ended applications, the maximum input voltage for PCLKx, PCLKx is VCC + 0.3V
Symbol
Parameter
-40°C
25°C
80°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output High Voltage; NOTE 1
-1.125
-1.025
-0.92
-1.075
-1.005
-0.93
-1.08
-1.005
-0.935
V
VOL
Output Low Voltage; NOTE 1
-1.895
-1.755
-1.62
-1.875
-1.78
-1.685
-1.86
-1.765
-1.67
V
VIH
Input High Voltage
(Single-ended)
-1.225
-0.94
-1.225
-0.94
-1.225
-0.94
V
VIL
Input Low Voltage (Single-ended)
-1.87
-1.535
-1.87
-1.535
-1.87
-1.535
V
VBB
Output Voltage Reference;
NOTE 2
-1.44
-1.32
-1.44
-1.32
-1.44
-1.32
V
VCMR
Input High Voltage Common
Mode Range; NOTE 3, 4
VEE+1.2
0
VEE+1.2
0
VEE+1.2
0
V
IIH
Input
High Current
PCLK0, PCLK1
PCLK0, PCLK1
150
150
150
µA
IIL
Input
Low Current
PCLK0, PCLK1
-10
-10
-10
µA
PCLK0, PCLK1
-150
-150
-150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com