Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS858020 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS858020
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS858020 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS858020 Datasheet HTML 1Page - Integrated Device Technology ICS858020 Datasheet HTML 2Page - Integrated Device Technology ICS858020 Datasheet HTML 3Page - Integrated Device Technology ICS858020 Datasheet HTML 4Page - Integrated Device Technology ICS858020 Datasheet HTML 5Page - Integrated Device Technology ICS858020 Datasheet HTML 6Page - Integrated Device Technology ICS858020 Datasheet HTML 7Page - Integrated Device Technology ICS858020 Datasheet HTML 8Page - Integrated Device Technology ICS858020 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
858020AK
2
REV. A DECEMBER 10, 2007
ICS858020
LOW SKEW, 1-TO-4
DIFFERENTIAL-TO-CML FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1N
It
u
p
n
I
y
ll
a
n
r
e
t
n
i
t
u
p
n
i
s
i
h
T
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
L
C
E
P
V
L
g
n
i
t
r
e
v
n
i
-
n
o
N
0
5
h
t
i
w
s
e
t
a
n
i
m
r
e
t
Ω
V
e
h
t
o
t
T
.
n
i
p
2V
T
t
u
p
n
I.
t
u
p
n
i
n
o
i
t
a
n
i
m
r
e
T
3V
C
A
_
F
E
R
t
u
p
t
u
O
.
s
n
o
i
t
a
c
il
p
p
a
d
e
l
p
u
o
c
-
C
A
r
o
f
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
R
V
o
t
s
e
s
a
i
b
t
u
p
t
u
o
s
i
h
T
C
C
.
V
8
3
.
1
-
4N
I
nt
u
p
n
I
y
ll
a
n
r
e
t
n
i
t
u
p
n
i
s
i
h
T
.
t
u
p
n
i
k
c
o
l
c
L
C
E
P
V
L
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
0
5
h
t
i
w
s
e
t
a
n
i
m
r
e
t
Ω
V
e
h
t
o
t
T
.
n
i
p
6
1
,
5V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
7
,
63
Q
,
3
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
M
C
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
3
1
,
8V
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
0
1
,
92
Q
,
2
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
M
C
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
2
1
,
1
11
Q
,
1
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
M
C
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
5
1
,
4
10
Q
,
0
Q
nt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
M
C
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com